PART |
Description |
Maker |
124044 |
Federleiste SMC-B, 26 polig FEm, Conn. SMC-B, 26 contacts
|
List of Unclassifed Manufacturers
|
NF-SF50 |
N-FEM to SMA-FEM
|
Mini-Circuits
|
C01610H0120042 |
13 CONTACT(S), POLYAMIDE66, MALE, CIRCULAR CONNECTOR, CRIMP
|
AMPHENOL CORP
|
19019-0052 19019-0037 19019-0057 19019-0049 19019- |
.250X.032 FEM.QD AVIKRIMP (P-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK./REEL (PZ-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEM.QD AVIKRIMP (P-8139-032) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190190054 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.020 FEM.QD AVIK. TAPED (BB-8138T) 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD AVIKRIMP (BB-8191-032 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .187 FEMALE INSUL 14-16AWG 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK. TAPED (C-8143T)
|
Molex, Inc. MOLEX INC
|
SKY77590-51 |
Tx-Rx FEM
|
Skyworks Solutions
|
SKY77517-21 |
TX-RX iPAC FEM
|
Skyworks Solutions
|
19002-0018 19002-0042 19002-0027 19002-0032 19002- |
.110X.032FM.FIQD AVIK. T CARRY (AA-5279Z 0.8 mm2, PUSH-ON TERMINAL .205X.032 FEM. FIQD AVIKRIMP (BB-5289) 2 mm2, PUSH-ON TERMINAL .250X.032FM.FIQD AVIK. T CARRY (BB-5263Z RoHS Compliant: Yes 2 mm2, PUSH-ON TERMINAL .187X.032 FEM. QD AVIK. TAPED (BB-5273T) 2 mm2, PUSH-ON TERMINAL .205X.020 FEM. FIQD AVIKRIMP (BB-5287) 2 mm2, PUSH-ON TERMINAL .205X.032 FEM. QD AVIK. TAPED (BB-5289T) 2 mm2, PUSH-ON TERMINAL 190020046 5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 MALE QD AVIK.TAPED (BB-5262T) 0.8 mm2, TAB TERMINAL .187X.020 MALE QD AVIK.TAPED (BB-5268T) 5 mm2, TAB TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):22-19; Tab Width:0.187"; Insulator Color:Red RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL .250X.032FM.FIQD AVIK. T CARRY (AA-5261Z RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL CONNECTOR 0.8 mm2, TAB TERMINAL .187X.020 MALE FIQD AVIKRIMP (BB-5268) 2 mm2, TAB TERMINAL .187X.020 MALE FIQD AVIKRIMP (AA-5266) 0.8 mm2, TAB TERMINAL .110X.032 FEM.FIQD AVIK TAPED (AA-5279T) 0.8 mm2, PUSH-ON TERMINAL .187X.020FM.FIQD AVIK. T CARRY (BB-5269Z 190020036 .250X.032 MALE QD AVIK. TAPED (C-5264T) .110X.032FM.FIQD AVIK. T CARRY (BB-5281Z .110X.032 FEM.FIQD AVIK TAPED (BB-5281T) 250X.032 MALE FIQD AVIKRIMP (BB-5262)
|
Molex, Inc. NXP Semiconductors N.V. MOLEX INC
|
AFEM-S105 |
5 GHz WiFi FEM
|
Avago Technologies
|
101000760003 |
Fem. Conn. C 64 Solder
|
ERNI Electronics
|
84572-0043 |
MICRO-C PLG US DL FEM 4/C 12FT 4 CONTACT(S), ALUMINUM, FEMALE, CIRCULAR CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
SD-45985-100 0459851382 |
1.27mm (.050), 12.00mm (.472) Pitch, EXTreme LPHPower Header, Right Angle, 10 Power Contacts, 40 Signal Contacts
|
Molex Electronics Ltd.
|
|