PART |
Description |
Maker |
NSZ5V6V2T1G NSZ5V6V2.REVP0 |
NSZ5V6V2T1G Zener Voltage Regulators 200mW SOD-523 Surface Mount
|
ON Semiconductor
|
TCRB521S-30 |
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Schottky Barrier Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
RB751S-40 |
200mW SOD-523 SURFACE MOUNT
|
Nanjing International G...
|
MM5Z2V4ST106 MM5ZXXXST1 MM5ZXXXST1G MM5Z2V4ST1G MM |
Zener Voltage Regulators 200 mW SOD-523 Surface Mount
|
ONSEMI[ON Semiconductor]
|
MMSZ5267BS MMSZ5234BS |
200mW SOD-323 SURFACE MOUNT
|
Yea Shin Technology Co....
|
MM5Z2V4T1G MM5ZXXXXT1 MM5ZXXXXT1G MM5Z9V1T1 MM5Z10 |
Zener Voltage Regulators 200 mW SOD−523 Surface Mount Zener Diode 200 mW 5.6 V ±5% SOD-523; Package: SOD-523 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 5.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Diode 200 mW 6.2 V ±5% SOD-523 6.2 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Diode 200 mW 9.1 V 5% SOD-523; Package: SOD-523 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 9.1 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Diode 200 mW 7.5 V ±5% SOD-523; Package: SOD-523 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 7.5 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Diode 200 mW 27 V ±5% SOD-523; Package: SOD-523 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 27 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Diode 200 mW 3.6 V ±5% SOD-523; Package: SOD-523 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 3.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
ONSEMI[ON Semiconductor]
|
MM5Z18VT1 MM5Z2V4T1G |
Zener Voltage Regulators 200 mW SOD−523 Surface Mount 18 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 200 mW SOD−523 Surface Mount 2.4 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
ON Semiconductor
|
MM3Z10VBW |
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics ...
|
MM3Z10VCW |
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics ...
|
1N4448WS |
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
RB501V-40 |
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MM3Z20VBW MM3Z6V2BW MM3Z4V7BW MM3Z30VBW MM3Z33VBW |
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics (Hol... Tak Cheong Electronics ...
|