Part Number Hot Search : 
VSM52152 07910 SAA7206H 88X2222P CM1601B ICS1708 74HCT4 M24C04
Product Description
Full Text Search
  sod-523 Datasheet PDF File

For sod-523 Found Datasheets File :: 682    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BAS16X-SOD-523 BAS16X

Jiangsu Changjiang Electronics Technology Co., Ltd
JIANGSU[Jiangsu Changjiang Electronics]
江苏长电科技股份有限公司
姹???跨?绉???′唤??????
Part No. BAS16X-sod-523 BAS16X
OCR Text sod-523 Plastic-Encapsulate Diodes BAS16X Swithching Diode sod-523 + FEATURES High-Speed Switching Applications Lead Finish: 100% Matte Sn ( Tin ) Qualified Reflow Temperature: 260 Extremely Small sod-523 Package MARKING: A6 Maximum ...
Description Swithching Diode

File Size 135.55K  /  2 Page

View it Online

Download Datasheet





    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. sod-523
OCR Text ... 6 sod-523 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit peak reverse voltage v rm 100 v rms reverse voltage v rms 70 v dc reverse voltage v r 85 v peak surg...
Description High Speed Switching Diodes

File Size 215.37K  /  2 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. sod-523 1SS388
OCR Text ... s3 sod-523 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit peak reverse voltage v rm 45 v dc reverse voltage v r 40 v continuous forward current i f 100 ma su...
Description High Speed Switching Diode

File Size 354.53K  /  2 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Shenzhen Luguang Electr...
Part No. sod-523 1SS389
OCR Text ... s4 sod-523 maximum rating @ ta=25 unless otherwise specified parameter symbol limits unit peak reverse voltage v rm 15 v dc reverse voltage v r 10 v continuous forward current i f 100 ma su...
Description Schottky Barrier Diode
   Schottky Barrier Diode

File Size 271.31K  /  2 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. sod-523 RB520S30
OCR Text low forward voltage drop flat lead, surface mount device at 0.60mm height extremely small outline plastic package sod523 moisture level sensitivity 1 pb-free version and rohs compliant matte tin (sn) lead finish green mold compound absolut...
Description Schottky Barrier Diodes

File Size 193.50K  /  3 Page

View it Online

Download Datasheet

    BAT54-02V BAT54-02V-GS08 BAT54-02V-GS18

Vishay Intertechnology,Inc.
VISAY[Vishay Siliconix]
Part No. BAT54-02V BAT54-02V-GS08 BAT54-02V-GS18
OCR Text sod-523 Features * These diodes feature very low turn-on voltage and fast switching. * These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges. * Space saving sod-523 package ...
Description Schottky Diode in sod-523

File Size 63.10K  /  4 Page

View it Online

Download Datasheet

    1N4448HWT09

Diodes Incorporated
Part No. 1N4448HWT09
OCR Text ...anical Data * * * * * * * * * sod-523 Case: sod-523 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminal Connections: Cathode...
Description SURFACE MOUNT FAST SWITCHING DIODE

File Size 82.25K  /  4 Page

View it Online

Download Datasheet

    RB521S30T1 RB521S30T1_D RB521S30T5 D RB521S30T1/D

ONSEMI[ON Semiconductor]
Part No. RB521S30T1 RB521S30T1_D RB521S30T5 D RB521S30T1/D
OCR Text ...+125 Unit mW mW/C C/W C 1 2 sod-523 CASE 502 PLASTIC MARKING DIAGRAM ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic Reverse Leakage (VR = 10 V) Forward Voltage (IF = 200 mA) Symbol IR VF Min - - Typ -...
Description Low VF Small Signal Schottky Diode
Schottky Barrier Diode

File Size 32.13K  /  4 Page

View it Online

Download Datasheet

    Ruilongyuan Electronics Co.,Ltd
Ruilongyuan Electronics...
Part No. RLSD52A081V RLSD52AXXXV RLSD52A241V RLSD52A361V RLSD52A031V RLSD52A151V RLSD52A121V RLSD52A181V
OCR Text ...harge event (cde) ? ultra-small sod-523 package (1.7 x 0.9 x 0.7mm) ? protects one i/o or power line ? low clamping voltage ? working voltage ? low leakage current ? solid-state silicon-avalanche technology features mechanical characteristi...
Description TVS/ESD Arrays

File Size 636.59K  /  7 Page

View it Online

Download Datasheet

    1N4148WT 1N4148WT09 1N4148WT-7-F

Diodes Incorporated
Diodes Inc.
Part No. 1N4148WT 1N4148WT09 1N4148WT-7-F
OCR Text ...chanical Data * * * * * * * * sod-523 Case: sod-523 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminal Connections: Cathode...
Description SURFACE MOUNT FAST SWITCHING DIODE

File Size 87.00K  /  4 Page

View it Online

Download Datasheet

For sod-523 Found Datasheets File :: 682    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sod-523

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.91972899436951