PART |
Description |
Maker |
MBA0204VC9761FC100 MBA02040C1108FCT00 VISHAYBEYSCH |
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 Precision Thin Film Leaded Resistors Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1.1 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT MBA 0204-50 1%,KL AMMO 3K3 - Ammo Pack MBA 0204-50 1%,KL AMMO 33K - Ammo Pack MBA 0204-50 1%,KL AMMO 3M3 - Ammo Pack MBA 0204-50 1%,AMMO 12K4 - Ammo Pack MBA 0204-50 1%,KL AMMO 300K - Ammo Pack MBA 0204-50 1%,KL AMMO 16K - Ammo Pack RES THNFLM 1.8 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack RES THNFLM 2.4 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1620000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT RES THNFLM 1.62M OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack
|
Vishay Beyschlag
|
MBB0207IC1333DC100 MBB02070C1133DCT00 MBB0207IC100 |
MBA/SMA 0204 VG06, MBB/SMA 0207 VG06, MBE/SMA 0414 VG06 - Leaded Metal Film Resistors with Established Reliability RES THNFLM 3.83M OHM 1% 3/5W 50PPM/ C AXL TH - Ammo Pack Res Thin Film 1.05K Ohm 1% 3/5W ±50ppm/C Conformal AXL Thru-Hole Ammo Pack RES THNFLM 82.5 OHM 1% 3/5W 50PPM/ C AXL TH - Tape and Reel
|
Vishay Beyschlag
|
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
PE8200 |
50 Ohm SMA Male To SMA Female DC to 18 GHz Adjustable Phase Trimmer
|
Pasternack Enterprises, Inc.
|
PE34061 |
CAMLE ASSEMBLY, RG316-DS, SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
|
Pasternack Enterprises,...
|
PE7018-6 |
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE9641 |
Precision SMA Male to SMA Female Radius Right Angle Adapter
|
Pasternack Enterprises,...
|
PE7336-10 |
10 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7336-6 |
6 dB Fixed Attenuator, SMA Male To SMA Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE7221-6 |
6 dB Fixed Attenuator, SMA Female To SMA Male Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE8013 |
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 18.5 GHz
|
Pasternack Enterprises, Inc.
|