Part Number Hot Search : 
TDA7375 MPIR4020 FDT457 80NFR10 BSA150B 208271 PJSD05 MJW0281A
Product Description
Full Text Search
  ppm Datasheet PDF File

For ppm Found Datasheets File :: 30017    Search Time::0.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PPM-5

JDS Uniphase Corporation
Part No. ppm-5
OCR Text ppm-5 Key Features * Complete power delivery system using only fiber optic cable * Supports 750 to 850 nm and 900 to 1000 nm wavelength range delivering 0.5 to 1 W over 0.5 km of multi-mode fiber * 5 V DC input, 5 V DC output * Supports...
Description Photonic Power Module

File Size 81.93K  /  1 Page

View it Online

Download Datasheet





    HS9812R-PPM

Electronic Theatre Controls, Inc.
List of Unclassifed Manufacturers
etc
Part No. HS9812R-ppm
OCR Text ppm ppm MULTIPLEX RECEIVER/DECODER GENERAL DESCRIPTION The hs9812 is a CMOS integrated circuit used for the (pulse-position-modulation) ppm stereo demodulator. It is designed for use in 2~3v infrared cordless headphones systems. FEATURE: L...
Description ppm MULTIPLEX RECEIVER/DECODER

File Size 67.83K  /  3 Page

View it Online

Download Datasheet

    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ... temperature coefficient of 500 ppm/C. A unique switching circuit minimizes the high glitch inherent in traditional switched resistor designs and avoids any make-before-break or breakbefore-make operation. Each VR has its own VR latch, whic...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text ... temperature coefficient of 700 ppm/C. Each VR has its own VR latch which holds its programmed resistance value. These VR latches are updated from an internal serial-to-parallel shift register that is loaded from a standard 3-wire serial-in...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ... temperature coefficient of 800 ppm/C. The chip select CS, count CLK and U/D direction control inputs set the variable resistor position. These inputs that control the internal UP/DOWN counter can be easily generated with mechanical or push...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ... temperature coefficient of -35 ppm/C. The chip select CS, count CLK and U/D direction control inputs set the variable resistor position. The MODE determines whether both VRs are incremented together or independently. With MODE at logic zer...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227EVAL AD5227BUJZ100-R2 AD5227BUJ10-RL7 AD5227BUJZ10-R2 AD5227BUJZ50-R2 AD5227BUJ50-RL7 AD5227BUJZ10-RL7 AD5227BUJZ100-RL7 AD5227BUJZ50-RL7
OCR Text ... potentiometer mode tempco = 10 ppm/C Low rheostat mode tempco = 35 ppm/C Ultralow power, IDD = 0.4 A typ and 3 A max Fast adjustment time, ts = 1 s Chip select enable multiple device operation Low operating voltage, 2.7 V to 5.5 V Automoti...
Description 64-Position Up/Down Control Digital Potentiometer 64工位下控制数字电位器
64-Position Digital Up/Down Control Potentiometer

File Size 324.12K  /  16 Page

View it Online

Download Datasheet

    AK8130C

Asahi Kasei Microsystems
Part No. AK8130C
OCR Text ...3 mhz vcxo 1 1 0 ppm ? ? ?? ? refout 25pf clk1 - clk4 15pf ? refout 1 6 0 ps typ. ( long term ) 74. 1758 mhz 0.85 ns typ. ( long t erm ) per i od jitter: 1 5 0ps typ. cl...
Description Multi Clock Generator with VCXO

File Size 187.10K  /  8 Page

View it Online

Download Datasheet

    ISL21060BFH620Z-TK ISL21060BFH625Z-TK ISL21060BFH630Z-TK ISL21060CFH633Z-TK ISL21060CFH620Z-TK ISL21060BFH641Z-TK ISL210

Intersil Corporation
Part No. ISL21060BFH620Z-TK ISL21060BFH625Z-TK ISL21060BFH630Z-TK ISL21060CFH633Z-TK ISL21060CFH620Z-TK ISL21060BFH641Z-TK ISL21060CFH641Z-TK ISL21060CFH630Z-TK ISL21060CFH625Z-TK
OCR Text ....0 2.5 2.5 1.0 2.5 TEMP. RANGE (ppm/C) 10 25 10 25 10 25 25 10 25 PACKAGE (Pb-Free) 6 Ld SOT-23 6 Ld SOT-23 6 Ld SOT-23 6 Ld SOT-23 6 Ld SOT-23 6 Ld SOT-23 6 Ld SOT-23 6 Ld SOT-23 6 Ld SOT-23 PKG. DWG. # MDP0038 MDP0038 MDP0038 MDP0038 MDP0...
Description Precision Reference with Disable
Precision, Low Noise FGA Voltage References

File Size 2,475.98K  /  20 Page

View it Online

Download Datasheet

For ppm Found Datasheets File :: 30017    Search Time::0.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ppm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.6387951374054