Part Number Hot Search : 
ASI10511 VC1G66 MC1650 DSH05 2N377312 ALV3535Y MAX358C 8850A
Product Description
Full Text Search
  leaded Datasheet PDF File

For leaded Found Datasheets File :: 8776    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    B329321008 B32936A3105 B32936A3106M B32936A3155 B32936A3225 B32936A3335 B32936A3475 B32936A3685 B32934D3155 B32934A3824

EPCOS
Part No. B329321008 B32936A3105 B32936A3106M B32936A3155 B32936A3225 B32936A3335 B32936A3475 B32936A3685 B32934D3155 B32934A3824 B32934A3335 B32934A3474 B32934A3684 B32934A3105M B32934A3475M B32934A3564
OCR Text ...mponents are used together with leaded ones, the leaded film capacitors should not pass into the SMD adhesive curing oven. The leaded components should be assembled after the SMD curing step. leaded film capacitors are not suitable for refl...
Description Metallized Polyester Film Capacitors (MKT)

File Size 291.01K  /  18 Page

View it Online

Download Datasheet





    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...LCC44 DIP40 Description plastic leaded chip carrier; 44 leads plastic dual in-line package; 40 leads (600 mil) plastic leaded chip carrier; 44 leads plastic dual in-line package; 40 leads (600 mil) plastic leaded chip carrier; 44 leads plas...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...-1 SOT129 1 -40 to +85, Plastic leaded Chip Carrier 40 +85 5V 0 to 33 SOT187-2 SOT187 2 0 to +70 Plastic Quad Flat Pack +70, 5V 0 to 33 SOT307-2 SOT307 2 0 to +70 Plastic Dual In line Package +70, In-line 5V 0 to 33 SOT129-1 SOT129 1 0 to +...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    ZF Electronics, Corp.
ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS3720XTVA7 CS3720 CS3720XDPS7 CS3720XDPSR7 CS3720XM7 CS3720XT7 CS3720XTHA7 ZFELECTRONICSCORPORATION-CS3720XTHA7
OCR Text ...TA 7 Lead D2PAK (DPS)* Short-leaded 1.68 (.066) 1.40 (.055) 10.31 (.406) 10.05 (.396) 1.40 (.055) 1.14 (.045) Thermal Data RQJC typ RQJA typ 7L 7L D2PAK TO-220 2.1 2.1 10-50* 50 7L Power SIP 2.1 uC/W 35 uC/W *Depending on th...
Description D/A Converter (D-A) IC; Resolution (Bits):24; Update Rate:192kSPS; Number of DACs:6; Data Interface:Serial; Package/Case:48-LQFP; IC Generic Number:4365; Interface Type:Serial; leaded Process Compatible:No; Number of Bits:24 甲H桥驱动器
Xfmr Module
AUI Isolation Transformers
2A H-Bridge Driver

File Size 159.26K  /  4 Page

View it Online

Download Datasheet

    http://
WJCI[WJ Communication. Inc.]
Part No. ECG002_07 ECG002 ECG002B-G ECG002B-PCB ECG002C-G ECG002C-PCB ECG002F-G ECG002F-PCB ECG00207
OCR Text ...m 260 C reflow temperature) and leaded (maximum 245 C reflow temperature) soldering processes. Outline Drawing Product Marking The component will be marked with an "E002G" designator with an alphanumeric lot code on the top surface o...
Description InGaP HBT Gain Block

File Size 322.89K  /  7 Page

View it Online

Download Datasheet

    KOA
Part No. MF1LCXXXX
OCR Text ..., rk general purpose metal film leaded resistor dimensions and construction ceramic core d d marking resistive film insulation coating trimming line end cap lead wire l l c l (ref.) mf1/4 .248 (6.3) .280 (7.1) .091.012 (2.3?.3) .024.002 (0....
Description general purpose metal film leaded resistor

File Size 359.31K  /  14 Page

View it Online

Download Datasheet

    STATEK
Part No. LHTAT
OCR Text leaded (through hole) ceramic packaged oscillators. for these applications, statek offers the lhtat 5x7mm oscillator. these oscillators are designed to operate at temperatures up to 200oc with high shock survivability. fea t ures high temp...
Description HIGH TEMPERATURE OSCILLATOR

File Size 170.94K  /  2 Page

View it Online

Download Datasheet

    Viking
Part No. MOF0932 MOF1550 MOF1765
OCR Text ...n: 9 - apr - 2013 metal oxide leaded film resistor features excellent long - time stability high surge / overload capability wide resistance range : 0.1~10m controlled temperature coefficient resistance standard tole...
Description (MOF0623 - MOF2485) Metal Oxide leaded Film Resistor

File Size 500.65K  /  6 Page

View it Online

Download Datasheet

    DMI1108-R60M-N DMI1110-R60M-N DMI0807 DMI0808 DMI0808-1R0M-N DMI0808-R30M-N DMI0809 DMI0809-2R2M-N DMI0807-1R0M-N DMI080

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
List of Unclassifed Man...
Part No. DMI1108-R60M-N DMI1110-R60M-N DMI0807 DMI0808 DMI0808-1R0M-N DMI0808-R30M-N DMI0809 DMI0809-2R2M-N DMI0807-1R0M-N DMI0809-1R0M-N DMI0809-R56M-N DMI0909-R25M-N DMI1209-2R5M-N
OCR Text leaded p ower choke s dmi s eries dmi series dim series is designed with low rdc and ultra large current. its molded magnetic shielded type is suitable for high - density mounting and ultra low buzz noise. soldering c...
Description leaded Power Chokes DMI

File Size 189.35K  /  4 Page

View it Online

Download Datasheet

    Thinking Electronic
Part No. KRL2400055
OCR Text leaded type 240v thinking electronic industrial co., ltd. 1 www.thinking.com.tw 2009.12 all specifications are subject to change without no ti...
Description Polymer PTC Resettable Fuse

File Size 220.65K  /  5 Page

View it Online

Download Datasheet

For leaded Found Datasheets File :: 8776    Search Time::1.75ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of leaded

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.99872493743896