PART |
Description |
Maker |
FL-SWITCH-SMCS-14TX |
Ethernet Smart Managed Compact Switch with 14 10/100 Mbps RJ45 ports and two 100 Mbps FX-SC multi-mode ports
|
PHOENIX CONTACT
|
SKY77602 |
Multi-Band, Multi-Mode (3G) Power Amplifier Module w/ PA Distribution Switch
|
Skyworks Solutions Inc.
|
P1005Y3010BBT100 |
P. 70, P. 100, P. 140, P. 200 RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
|
Vishay Draloric
|
AD9888/PCB AD9888KS-170 |
100/140/170/205 MSPS Analog Flat Panel Interface TRI N RECP M FLG 2-13
|
Analog Devices, Inc.
|
EKI-2526M |
4 1 100FX Port Multi-Mode/Single Mode Unmanaged Industrial Ethernet Switch
|
Advantech Co., Ltd.
|
1-350346-0 |
.240, .295" Centerline, 250 v, 28 A max. (.140" MATE-N-LOK); 03P .140 MNL PLUG P/M NAT ( AMP )
|
Tyco Electronics
|
BD99011EFV-M BD99010EFV-M |
Simple Light Load Mode
|
Rohm
|
S29GL032A10FFIR22 S29GL032A10TFIR32 S29GL032A10TFI |
Up-to-200kHz Multi-topology PWM Voltage-Mode Controller - PB Free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 Up-to-200kHz Multi-topology PWM Voltage-Mode Controller - PB Free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 110 ns, PDSO56 3-36V Quad Channel Operational Amplifier, Ta = -40 to 85°C - Pb-free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 64兆位32MEGABIT 3.0螺栓只页面模式闪 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 110 ns, PDSO48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 100 ns, PDSO48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 100 ns, PBGA48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 64兆位32MEGABIT 3.0螺栓只页面模式闪 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 110 ns, PBGA64 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 100 ns, PBGA64 Up-to-100kHz Multi-topology Burst-Mode Voltage-Mode Controller with 40V / 1.5A Switch; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 1.5A Step-Up/Step-Down/Inv Regulator with 40V / 1.5A Switch (Ext Temp); Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 1.5A Step-Up/Step-Down/Inv Regulator with 40V / 1.5A Switch (Ext Temp); Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 3-36V Quad Channel Operational Amplifier, Ta = -40 to 85°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
FOMC6-8W2F FOMC6-8X2F FOMC6-8W2G FOMC6-8X2G FOMC2- |
MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, PLUG 50/125 um, MULTI MODE, SIMPLEX FIBER OPTIC CONNECTOR, RECEPTACLE
|
ITT Interconnect Solutions ITT CANNON
|
SF0140BA02393S |
140 MHz SAW Bandpass Filter 72 MHz bandwidth From old datasheet system 140 MHz Low Loss SAW Filters
|
Integrated Circuit Systems ICS
|
|