Part Number Hot Search : 
16161 SMBJ11 0000A XC6215B LTC35 150K6 MAX3965 BA5E5
Product Description
Full Text Search
  simplex Datasheet PDF File

For simplex Found Datasheets File :: 1126    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FSCM2.05BL FSCM2.0BL FSCM2.0RD FSCDM5BL

PANDUIT CORP.
Part No. FSCM2.05BL FSCM2.0BL FSCM2.0RD FSCDM5BL
OCR Text ...a/eia-604 focis-3 compliant. sc simplex and duplex connectors are field terminable. the fibers shall terminate in 2.5mm ceramic ferrules with non-optical disconnect functionality and an average insertion loss of 0.1db (multimode) and 0.15d...
Description SC Fiber Optic Connectors

File Size 101.22K  /  2 Page

View it Online

Download Datasheet





    Analog Devices, Inc.
Part No. AD6435
OCR Text ...o adtsp2183 duplex_tx duplex_rx simplex_tx (atu-c) simplex_rx (atu-r) interleave ram to ad6436/ad6439 from ad6436/ad6439 ad6435 transmit features component in analog devices dmt adsl chipset ad20msp910 designed to ansi/etsi t1.413 suitable ...
Description ADSLB>Asymmetric digital Subscriber Line)Chipset(非对称数字用户链路芯片组)

File Size 84.72K  /  12 Page

View it Online

Download Datasheet

    HDMP-1012 HDMP-1014

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HDMP-1012 HDMP-1014
OCR Text ....................... 605 Duplex/simplex Configurations ...................................................... 605 Full Duplex .....................................................................................605 simplex Method I: simplex...
Description 4Low Cost Gigabit Rate Transmit/Receive Chip Set

File Size 292.88K  /  42 Page

View it Online

Download Datasheet

    HDMP-1022 HDMP-1024

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HDMP-1022 HDMP-1024
OCR Text ...For digital video transmission, simplex links are more common. The HDMP-1022/1024 chipset can transmit 16 to 21 bits of parallel data in standard or broadcast simplex mode. Additionally, 32 to 40 bit wide data can be transmitted over a sing...
Description Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os

File Size 292.53K  /  40 Page

View it Online

Download Datasheet

    Agilent
Part No. HFBR-1521 HFBR1521
OCR Text ...se immunity ? easy connectoring simplex, duplex, and latching connectors ? flame retardant ? transmitters incorporate a 660 nm red led for easy visibility ? compatible with standard ttl circuitry applications ? reduction of lightning/volt- ...
Description (HFBR-x5xx Series) Versatile Link The Versatile Fiber Optic Connection

File Size 662.54K  /  19 Page

View it Online

Download Datasheet

    86114-9500 86116-9500

Molex Electronics Ltd.
Part No. 86114-9500 86116-9500
OCR Text ...ds. available in lc duplex, sc simplex or mpo simplex, the adapters allow the cable-exit angle to be re-positioned from the standard straight-mount position (90 to the face- plate) to +/- 35 in either direction. swivel emi adapters allow ...
Description Swivel EMI Shielding Adapters

File Size 381.49K  /  2 Page

View it Online

Download Datasheet

    HDMP-1014 HDMP-1012

Agilent(Hewlett-Packard)
Part No. HDMP-1014 HDMP-1012
OCR Text ....................... 605 duplex/simplex configurations ...................................................... 605 full duplex .....................................................................................605 simplex method i: simple...
Description Bipolar Transistor; Collector Emitter Voltage, Vceo:400V; Transistor Polarity:N Channel; Power Dissipation:250W; C-E Breakdown Voltage:400V; DC Current Gain Min (hfe):10; Collector Current:50A; Package/Case:TO-3
Phase Lock Loop (PLL) IC; Number of Circuits:1; Package/Case:14-DIP; Mounting Type:Through Hole 4Low成本千兆速率发接收芯片

File Size 301.59K  /  42 Page

View it Online

Download Datasheet

    Linx Technologies, Inc.
Part No. MDEV-900-HP3-SPS-USB
OCR Text ...ders and decoders to generate a simplex transmission, a pair of development boards can be used to evaluate the range performance of the modules. * Design Benchmark - During the design process of your product, the boards provide a known benc...
Description
File Size 500.52K  /  7 Page

View it Online

Download Datasheet

    Agilent (Hewlett-Packard)
Part No. HFBR-0536 HFBR-0537 HFBR-4531 HFBR-4532 HFBR-4533 HFBR-4535
OCR Text ... in Nonlatching Connector Gives simplex/Duplex Functionality with the Same Part The HFBR-453x Series of connectors are available in three colors; black, blue and grey. The ability to select colors to match Transmitters and Receivers makes i...
Description HFBR-0536 · Eval Kit for proprietary data com apps at data rates up to 32 MBd with AN 1121 figs. 3 & 4 circuits
HFBR-0537 · Eval Kit for proprietary data com apps at data rates up to 32 MBd with AN 1121 figs. 3 & 5
HFBR-4531 · Plastic Fiber Connector - Crimpless (Black)
HFBR-4532 · Plastic Fiber Connector - Crimpless (non-latching)
HFBR-4533 · Plastic Fiber Connector - Crimpless (Blue)
HFBR-4535 · Plastic Fiber Connector - Crimpless (Grey)

File Size 380.49K  /  6 Page

View it Online

Download Datasheet

   
Part No. HSCJ-HSTJ-B40 HSCJ-HRFCJ-B40 HSCJ-HRFCJ-C40 HSC-A3-D102 HSC-PH0.9-E231 HSCM-2GPH2-B1 HSC-PH2-E131
OCR Text ... 60dB min. (APC) 22dB min. (PC) simplex plug Engagement force: 19.6 N max. Separation force: 19.6 N max. Engagement force: 39 N max. Separation force: 39 N max. 2N to 5.9N 2N to 3.9N 40dB min. (AdPC) Return Loss (GI) Engagement and S...
Description simplex SC CONNECTOR, PLUG
50/125 um, MULTI MODE, DUPLEX SC CONNECTOR, PLUG

File Size 912.11K  /  16 Page

View it Online

Download Datasheet

For simplex Found Datasheets File :: 1126    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of simplex

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7294158935547