PART |
Description |
Maker |
M660-02-AL M660-02 M660-02-AA M660-02-AB M660-02-A |
DUAL SAW, SELECTABLE FREQUENCY VCSO DUAL SAW / SELECTABLE FREQUENCY VCSO VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 693.483 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 672.16 MHz VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 669.3265 MHz
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] INTEGRATED DEVICE TECHNOLOGY INC
|
VCO600A-155.520MHZ |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 155.52 MHz
|
Power-One, Inc.
|
VS-700-LFF-HNN-779.5686 |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 779.5686 MHz
|
VECTRON INTERNATIONAL
|
VCUNCB-44.736 VDUNCB-44.736 VCLNCB-44.736 VDLNCB-4 |
VCXO, CLOCK, 3.686 MHz, CMOS/TTL OUTPUT Voltage Controlled Crystal Oscillator VCXO, CLOCK, 1.024 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 13 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 34.368 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 49.152 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 20.48 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 19.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 61.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 6.4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 5 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 3.088 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.434 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.096 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.032 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS/TTL OUTPUT
|
Vectron International, Inc
|
VTC1 VTC1-B02C-10M00 VTC1-J03A-11M2896 VTC1-J03A-1 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLOCK, 11.2896 MHz, CMOS OUTPUT TCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCXO, CLOCK, 12.504 MHz, CMOS OUTPUT TCXO, CLOCK, 10.001355 MHz, CMOS OUTPUT TCXO, CLOCK, 12 MHz, CMOS OUTPUT TCXO, CLOCK, 12.288 MHz, CMOS OUTPUT TCXO, CLOCK, 10.24 MHz, CMOS OUTPUT TCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCXO, CLOCK, 11.0592 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
NBVSPA013LN1TAG |
2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
|
ON Semiconductor
|
VCXO-C2 VCXO-C2R VCXO-C3 VCXO-C3R VCXO-C4 VCXO-C4R |
5.0V THRU-HOLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR VCXO, CLOCK, 40 MHz, HCMOS/TTL OUTPUT
|
Fox Electronics
|
M672-8-AA M672-4-AA M672-2-AZ M672 M672-2-BA |
VOLTAGE CONTROLLED CLOCK SAW OSCILLATOR, 155.52 MHz VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER From old datasheet system
|
INTEGRATED DEVICE TECHNOLOGY INC ICST[Integrated Circuit Systems]
|
VC-400-JFF-505H155.52 VC-400 VC-400-CCB-205G155.52 |
VCXO, CLOCK, 155.52 MHz, ECL OUTPUT VCXO, CLOCK, 10 MHz - 170 MHz, PECL OUTPUT VCXO, CLOCK, 10 MHz - 170 MHz, ECL OUTPUT VCXO, CLOCK, 155.52 MHz, PECL OUTPUT Voltage Controlled Crystal Oscillators (VCXO’s) Voltage Controlled Crystal Oscillators (VCXO??)
|
VECTRON[Vectron International, Inc]
|
VX-7011-ECJ-105 VX-7010-ECJ-105 VX-7010-DCJ-105 VX |
VCXO, CLOCK, 700 MHz, HCMOS OUTPUT Voltage Controlled Crystal Oscillator VCXO, CLOCK, 153.6 MHz, PECL OUTPUT VCXO, CLOCK, 100 MHz, HCMOS OUTPUT VCXO, CLOCK, 1 MHz, HCMOS OUTPUT VCXO, CLOCK, 122.88 MHz, HCMOS OUTPUT VCXO, CLOCK, 155.52 MHz, HCMOS OUTPUT VCXO, CLOCK, 1 MHz - 700 MHz, HCMOS OUTPUT VCXO, CLOCK, 1 MHz, LVDS OUTPUT VCXO, CLOCK, 30.72 MHz, LVDS OUTPUT
|
Vectron International, Inc
|
VTD3 VTD3-H12D-13M00 VTD3-J21A-12M80 VTD3-H23C-11M |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44.736 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.68 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.5 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
|