PART |
Description |
Maker |
0251.250PRT1HF 0251.125PRT1HF 0251.062PRT1HF 0251. |
VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.062A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 3A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
3M Company
|
0251012.VRL 0253.375MRT3L |
VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
|
MI5FCP25V63 MI5FCP25V025 |
FAST BLOW ELECTRIC FUSE, 6.3A, 250VAC, 250VDC, 6000A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.25A, 250VAC, 1500A (IR), THROUGH HOLE
|
MERSEN
|
3AP8-R 3AG1-R 3AG200-R 3AG2.5-R 3AG1.25-R AG400-R |
Fuses, RoHS 8A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 200mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 2.5A 250V FAST GLASS Fuses, RoHS 1.25A 250V FAST GLASS Fast Blow Fuse Series FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), INLINE/HOLDER
|
Bel Fuse, Inc. Bel Fuse Inc.
|
MFU MFU0603FF00500E000 MFU0603FF00500E100 MFU0603F |
VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT Thin Film Flat Chip Fuses VERY FAST BLOW ELECTRIC FUSE, 2.5A, 32VDC, 50A (IR), SURFACE MOUNT
|
Vishay Siliconix VISHAY BEYSCHLAG
|
ATM1/4 ATM1/10 ATM2 ATM20 ATM10 |
FAST BLOW ELECTRIC FUSE, 0.25A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.1A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 2A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 20A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 10A, 600VAC, 600VDC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
LPN-RK-100SP LPN-RK-110SP LPN-RK-125SP LPN-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 450A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 400A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 100A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 110A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
|
http:// Cooper Bussmann, Inc.
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
LA70QS10-14F06 LA70QS50-14F LA70QS50-22F LA70QS100 |
VERY FAST BLOW ELECTRIC FUSE, 40A, 690VAC, 700VDC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 25A, 690VAC, 700VDC, 200000A (IR), INLINE/HOLDER Special Purpose Fuses
|
Littelfuse
|
5HFP3.15 5HFP6.3 5HF4 |
Fuses, 3.15A 250V F IEC CERM LEAD FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, 6.3A 250V F IEC CERM LEAD FAST BLOW ELECTRIC FUSE, 6.3A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, 4A 250V F IEC CERM 5X20 FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER
|
Bel Fuse, Inc. Winbond Electronics, Corp.
|
|