Part Number Hot Search : 
XV1N3001 MN101 645ETTTS SMCJ85C 100GD 40N10 SMS256AF KRC116M
Product Description
Full Text Search
  fast-acting Datasheet PDF File

For fast-acting Found Datasheets File :: 1990    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IMP5115 IMP5115CD IMP5115CDT IMP5115CDW IMP5115CDWT IMP5115CPWP IMP5115CPWPT IMP51115 IMPINC.-IMP5115CPWPT

IMP INC.
IMP[IMP, Inc]
A1 PROs co., Ltd.
Part No. IMP5115 IMP5115CD IMP5115CDT IMP5115CDW IMP5115CDWT IMP5115CPWP IMP5115CPWPT IMP51115 IMPINC.-IMP5115CPWPT
OCR Text Fast response for Fast-20 SCSI applications 35MHz channel bandwidth 3.3V operation Less than 3pF output capacitance 375A Sleep-mode current ...Acting as a near ideal line terminator, the IMP5115 closely reproduces the optimum case when the dev...
Description 9-Line SCSI Ter erminat minator 9线的SCSI捷尔erminat minator
9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth

File Size 196.34K  /  6 Page

View it Online

Download Datasheet





    EMIF01-10018W5 6761

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. EMIF01-10018W5 6761
OCR Text ...y to latch-up by integration of fast edges. (Please see the response of EMIF01-10018W5 to a 3 ns edge on Fig. A9) The measurements done here...acting for positive ESD surges but also for negative ones. For negatives surges, it clamps close to ...
Description EMI FILTER INCLUDING ESD PROTECTION
EMI FILTER INCLUDING ESD PROTECTION
From old datasheet system

File Size 149.00K  /  10 Page

View it Online

Download Datasheet

    ESDA6V1-5W6 ESDA6V1-5W

ST Microelectronics
意法半导
STMicroelectronics N.V.
Part No. ESDA6V1-5W6 ESDA6V1-5W
OCR Text ...account when the drivers impose fast digital data or high frequency analog signals in the disturbing line. The perturbed line will be more affected if it works with low voltage signal or high load impedance (few k). Fig. A5: Analog crosstal...
Description TRANSIL ARRAY FOR ESD PROTECTION
TRANSIL ARRAY FOR ESD PROTECTION TRANSIL ESD保护阵列

File Size 75.63K  /  9 Page

View it Online

Download Datasheet

    ESDA6V1S3 ESDA6V1S3RL ESDA6V1S6 ESDA6V1S6RL ESDA6V2S6

意法半导
STMICROELECTRONICS[STMicroelectronics]
Part No. ESDA6V1S3 ESDA6V1S3RL ESDA6V1S6 ESDA6V1S6RL ESDA6V2S6
OCR Text ...mily has been designed to clamp fast spikes like ESD. Generally the PCB designers need to calculate easily the clamping voltage VCL. This is...acting diodes provide an almost instantaneousresponse, clamping the voltage to a safe level. 5/7 ...
Description TRANSIL ARRAY FOR ESD PROTECTION

File Size 64.75K  /  7 Page

View it Online

Download Datasheet

    SDA9188-3X SDA9188 Q67100-H5142 SDA9188-3XGEG

Infineon
SIEMENS[Siemens Semiconductor Group]
Part No. SDA9188-3X SDA9188 Q67100-H5142 SDA9188-3XGEG
OCR Text ...ls. Certain VCR-functions (e.g. fast forward-mode), non interlaced signals and 50 Hz/60 Hz mixed-mode would cause inacceptable picture distortions. Under these conditions the SDA 9188-3X switches automatically into field mode display. Also ...
Description Picture-in-Picture Processor with On-...
From old datasheet system
Picture-in-Picture Processor with On-Chip PLL

File Size 450.38K  /  31 Page

View it Online

Download Datasheet

    SL486NADP SL486NAMP SL486

List of Unclassifed Manufacturers
ETC[ETC]
Part No. SL486NADP SL486NAMP SL486
OCR Text ...ETCH INPUT OUTPUT FEATURES s Fast Acting AGC Improves Operation In Noisy Environments SL486 2ND STAGE DECOUPLE 4TH STAGE DECOUPLE OUTPUT VCC (VCCO) AGC DECOUPLE 12 11 10 9 s Differential Inputs Reduce Noise Pick-up and Improv...
Description INFRA RED REMOTE CONTROL PREAMPLIFIER

File Size 196.98K  /  7 Page

View it Online

Download Datasheet

    PA21A PA21 PA26 PA25 PA25A

List of Unclassifed Man...
Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. PA21A PA21 PA26 PA25 PA25A
OCR Text ..., high energy flyback, external fast-recovery diodes should be used. MONOLITHIC AMPLIFIER STABILITY CONSIDERATIONS All monolithic power op amps use output stage topologies that present special stability problems. This is primarily due t...
Description    POWER DUAL OPERATIONAL AMPLIFIERS
POWER DUAL OPERATIONAL AMPLIFIERS 功耗双运算放大

File Size 83.30K  /  5 Page

View it Online

Download Datasheet

    X68257 X68257J X68257JI X68257JM X68257P X68257PI X68257PM X68257S X68257SI X68257SM

XICOR[Xicor Inc.]
Part No. X68257 X68257J X68257JI X68257JM X68257P X68257PI X68257PM X68257S X68257SI X68257SM
OCR Text ...amily * High Performance CMOS --Fast Access Time, 120ns --Low Power --60mA Active Maximum --500A Standby Maximum * Software Data Protection ...acting as a data strobe. If R/W is HIGH and CE is HIGH (read operation) data will be output on A/D0-...
Description E2 Micro-Peripheral

File Size 67.78K  /  14 Page

View it Online

Download Datasheet

For fast-acting Found Datasheets File :: 1990    Search Time::1.313ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of fast-acting

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.907418012619