PART |
Description |
Maker |
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
39-31-1032 39-30-7051 39-30-3041 39-30-3056 |
A5569-03A4BL 94V2 Peg 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5CKT S/R R/A MINI FIT HDR ASSY 556905A4S 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,4 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:0.165"; No. of Rows:1; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
43650-0403 43650-0704 |
Multipole Connector; Number of Contacts:4; Pitch Spacing:3mm; Number of Rows:1; Gender:Header; Series:43650; Body Material:LCP Liquid Crystal Polymer, Glass-filled; Connecting Termination:Thru-Hole POWER CONNECTOR CONN HEADER 7POS 3MM RT ANG AU
|
Molex, Inc. MOLEX INC
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5L20422M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
|