PART |
Description |
Maker |
87368-4820 87368-2820 |
CONN RECEPT 48POS 2MM SMD GOLD 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD
|
Molex, Inc. MOLEX INC
|
FM120-LN FM1100-LN FM180-LN FM130-LN FM160-LN FM14 |
CABLE ASSEM 2MM 10POS F-F 12,1 Chip Schottky Barrier Diodes - Silicon epitaxial planer type 肖特基二极管芯片-硅外延式龙门
|
美丽微半导体有限公司 Formosa Microsemi Co., Ltd. 缇?附寰??瀵间???????
|
44764-0802 |
CONN HEADER 8POS 3MM R/A GOLD 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
QMS-052-11-H-D-PC4 |
CONN HEADER 104POS DL .635MM SMD
|
SAMTEC INC
|
SMM-114-02-S-S SMM-140-02-S-S SMM-117-02-S-D |
2mm SOCKET STRIPS 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT 2MM 40POS SGL GOLD SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2mm SOCKET STRIPS 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
RU4DS RH4F RG2A2 RS4FS RH2D RC3B2 RU4D FMP-G5HS FM |
Damper Diodes . Shield Bonded between Polyester Outer & Polyethylene Inner Layers RoHS Compliant: NA CONN 24POS 2MM SOCKET R/A PC MT SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:5m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes 3M 150220-6002TB SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:2m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes CONN 24POS 2MM SOCKET STR PC SMD CONN 20POS 2MM SOCKET VERT PC MT Wire-To-Board Connector; No. of Contacts:20; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 阻尼二极 Hard Hat; Color:Red; Pack Quantity:1 RoHS Compliant: NA 阻尼二极 Fast-Recovery Rectifier Diodes (1300V and over)
|
List of Unclassifed Man... Unknow http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Sanken
|
JS1-5V JS1A-12V JS1A-18V JS1A-24V JS1A-48V JS1A-5V |
(JS Series) ULTRA-MINIATURE PC BOARD TYPE POWER RELAY CONN SOCKET CODING KEY YELLOW CONN HEADER TYPE-C 55POS R/A AU Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 16x31.5 mm; Packaging: Bulk CONN SHROUD CPCI 2MM TYPE C 11 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 15000uF; Voltage: 35V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk 超微型基板式电源继电 ULTRA-MINIATURE PC BOARD TYPE POWER RELAY 超微型基板式电源继电 CONN SHROUD CPCI 2MM TYPE B 25 超微型基板式电源继电 Wire-To-Board Connector; No. of Contacts:30; Pitch Spacing:0.1"; Gender:Female RoHS Compliant: Yes
|
Nais(Matsushita Electri... NAIS[Matsushita Electric Works(Nais)] NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp.
|
FM27C010 FM27C010N120 FM27C010N150 FM27C010N90 FM2 |
1,048,576-Bit 128K x 8 High Performance CMOS EPROM 1/048/576-Bit 128K x 8 High Performance CMOS EPROM CONN HEADER .100 72POS DUAL TIN 128K X 8 OTPROM, 90 ns, PDIP32 CONN HEADER .100 72POS DL GOLD
|
FAIRCHILD[Fairchild Semiconductor] Davies Molding, LLC FAIRCHILD SEMICONDUCTOR CORP
|
52330-0417 52330-0617 |
4CKT 2MM B TO B CONN ASSY 4 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 6CKT 2MM B TO B CONN ASSY 6 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|