PART |
Description |
Maker |
OAT1523S-OLT-V2-B-10 |
FIBER OPTIC TRANSCEIVER, 1480-1500nm, 155.52Mbps(Tx), 155.52Mbps(Rx), THROUGH HOLE MOUNT, SC/PC CONNECTOR
|
OKI ELECTRIC INDUSTRY CO LTD
|
SPS-43-GB-15-CDFF SPS-34-GB-15-CDFF SPS-34-GB-BX-C |
FIBER OPTIC TRANSCEIVER, 1480-1500nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SFP CONNECTOR ROHS COMPLIANT PACKAGE
|
Thomas ?Betts, Corp.
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
SPC-48-LR-39CNA SPC-48-LR-61CDA SPC-48-LR-43CNA SP |
FIBER OPTIC TRANSCEIVER, 1200-1625nm, 2488Mbps(Tx), 2488Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 FIBER OPTIC TRANSCEIVER, 1404-1417nm, 2488Mbps(Tx), 2488Mbps(Rx) OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
|
Source Photonics, Inc.
|
WDLSSBB0 WDLSSBB2 |
FIBER OPTIC WAVELENGTH DIVISION MUX/DEMUX, 1480-1580nm, FC/APC CONNECTOR
|
LIGHTEL TECHNOLOGIES INC
|
B-13-15-622-TPM-SSC-60 B-13-15-622-TPM3-SSC-60 B-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, ST CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 622Mbps(Tx), 622Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR ROHS COMPLIANT PACKAGE-9 622 Mbps Bi-directional Single Fiber Transceiver
|
HIROSE ELECTRIC Co., Ltd. Source Photonics, Inc.
|
C-141-1250-TDFB-SSC2 C-141-1250C-TDFB-SSC2 C-159-1 |
1.25 Gbps CWDM Single Mode Transceiver(5V) FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1545-1558nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
C-159-2500-FDFB-SLC2 C-159-2500-FDFB-SLC4 C-159-25 |
2.5 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 2488Mbps(Tx), 2488Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1365-1378nm, 2488Mbps(Tx), 2488Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
B-13-14-1250-T-SSC-G5 B-13-14-1250-T-SSCA-G5 B-13- |
1.25 Gbps Bi-directional Receptacle Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, SC CONNECTOR
|
Source Photonics, Inc.
|
B-13-1250-TPM3-SSC-60 B-15-1250-TPM3-SSC-60 B-13-1 |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
SCP6EL2-GL-YN-41 SCP69L2-GL-YM-27 SCP69L2-GL-BN-61 |
FIBER OPTIC TRANSCEIVER, 1405-1418nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1605-1618nm, 622.08Mbps(Tx), 622.08Mbps(Rx), SURFACE MOUNT, LC CONNECTOR
|
Omron Electronics, LLC Mini-Circuits
|
OTOLS-BI53SC-40 OTOLS-BI53SC-20 OTOLS-BI35SC-40 OT |
FIBER OPTIC TRANSCEIVER, 1530-1570nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1350nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR
|
Olson Technology, Inc.
|
|