PART |
Description |
Maker |
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
10-33-1022 |
HEADER,RT ANG,.200" CTR,TH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
39-31-1032 39-30-7051 39-30-3041 39-30-3056 |
A5569-03A4BL 94V2 Peg 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 5CKT S/R R/A MINI FIT HDR ASSY 556905A4S 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,4 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:0.165"; No. of Rows:1; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
39-01-3109 39-01-3129 39-01-3066 15-04-6020 39-01- |
Multipole Connector; Gender:Male; No. of Contacts:10; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:2; Pitch Spacing:0.165" 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG MiniFitJrPlg FreeHng /DH V-0 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Male; No. of Contacts:6; Series:Mini-Fit Jr.; No. of Rows:2 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG MINI FIT JR SERIES PLUS W/O MTG.EARS MiniFit Jr Plug 2Ckt MiniFitJrPlg FreeHng /DH V2 Blk 2Ckt
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
39-01-2241 |
Header; No. of Contacts:24; Pitch Spacing:0.165"; No. of Rows:2; Gender:Male; Series:Mini-Fit Jr. 5559; Body Material:Nylon 6/6 RoHS Compliant: Yes 24 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
95001-6641 95001-6882 95001-6661 |
Phone Connector,PCB Mnt,6 Contacts,PIN,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 8-8 RT ANG SMD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 6-6 RT ANG SMD 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK
|
Molex, Inc.
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
|