PART |
Description |
Maker |
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
51338-0674 51338-0474 51338-0374 51338-0274 |
0.4BtB RecHsgAssyJ-BendTl 60CktEmbsTpPkg 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 0.4BtB RecHsgAssyJ-BendTl 40CktEmbsTpPkg 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 513380374 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE Header; No. of Contacts:20; Pitch Spacing:0.016"; No. of Rows:2; Series:SlimStack; Body Material:Liquid Crystal Polymer 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
90147-1316 90147-1329 90147-1228 90147-1225 90147- |
C-Grid PCB Conn SR Vt Au-F 16Ckt 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 29Ckt 29 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 28Ckt 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471225 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 23Ckt 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 31Ckt 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 13Ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 21Ckt 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471317 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 7Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 18Ckt 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
79109-0014 79109-0218 79109-0216 |
Header Connector,PCB Mnt,PLUG,30 Contacts,SKT,0.079 Pitch 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
CES-150-01-S-S CES-104-01-S-S SLW-1 CES-130-01-S-S |
CONN RCPT 50POS .100 SNGL GOLD 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET LOW PROFILE .025" SQUARE STRIPS 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 49 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
09-52-1105 09-62-6105 09-62-6125 09-62-4089 09-52- |
KK 156 PCB Assy Top no hooks 10 Ckt Tin 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 10 Ckt Tin 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 12 Ckt Tin 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 08 Ckt Gold 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top no hooks 08 Ckt Tin 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 15 Ckt Tin 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK PCB T/E WO/Hook Tin 5Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 9623153 PC Board Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Phosphor Bronze; Contact Plating:Gold; Gender:Female PC Board Connector; Number of Contacts:7; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Phosphor Bronze; Contact Plating:Gold; Gender:Female
|
Molex, Inc. MOLEX INC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4D10605F1-00-000-05-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Large bore signal contacts, 5 x 14 AWG Power contacts 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
BA588 BA589 BA21 |
CABLE TERMINATED, FEMALE-FEMALE, RF STRAIGHT ADAPTER CABLE TERMINATED, FEMALE-MALE, RF STRAIGHT ADAPTER PANEL MOUNT, CABLE TERMINATED, FEMALE-FEMALE, RF STRAIGHT ADAPTER
|
|
350-10-101-00-006000 350-10-164-00-006000 399-44-1 |
INTERCONNECTS 2,54 Grid (0,46 dia.) Pins, Straight and Right Angle Single Row 55 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 46 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 51 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 46 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 41 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
M80-4C10642F1-02-326-02-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
|