PART |
Description |
Maker |
1FHAX720-737G FHAX937-737G 2FJA168-736G FGA596-720 |
720 POS 1MM BGA SMT ADAPTER BGA720, IC SOCKET 937 POS 1MM BGA SMT ADAPTER BGA937, IC SOCKET 168 POS 0.80MM PITCH BGA SMT ADAPTER BGA168, IC SOCKET 596 POS 1.27MM BGA SMT ADAPTER BGA596, IC SOCKET 1020 POS 1MM BGA SMT ADAPTER BGA1020, IC SOCKET 860 POS 1MM BGA SMT ADAPTER BGA860, IC SOCKET 225 POS 1MM BGA SMT ADAPTER BGA225, IC SOCKET 388 POS 1MM BGA SMT ADAPTER BGA388, IC SOCKET 480 POS 1.27MM BGA SMT ADAPTER BGA480, IC SOCKET 324 POS 1MM BGA SMT ADAPTER BGA324, IC SOCKET 560 POS 1MM BGA SMT ADAPTER BGA560, IC SOCKET BGA1036, IC SOCKET 256 POS 1.27MM BGA SMT ADAPTER BGA320, IC SOCKET BGA328, IC SOCKET BGA132, IC SOCKET BGA241, IC SOCKET BGA255, IC SOCKET BGA208, IC SOCKET BGA272, IC SOCKET BGA233, IC SOCKET 384 POS 1MM BGA SMT ADAPTER 225 POS 1.27MM BGA EXTRACTION ADAPTER BGA696, IC SOCKET BGA957, IC SOCKET BGA824, IC SOCKET BGA644, IC SOCKET BGA352, IC SOCKET BGA784, IC SOCKET BGA788, IC SOCKET BGA416, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
1FHAX484-715G 1FGA503-638G 1FHAX144-715G 1FGAX600- |
484 POS 1MM BGA EXT. ADAPTER BGA484, IC SOCKET 503 POS 1.27MM BGA ADAPTER BGA503, IC SOCKET 144 POS 1MM BGA EXT. ADAPTER BGA144, IC SOCKET 600 POS 1.27MM BGA EXTRACTION ADAPTER BGA600, IC SOCKET BGA521, IC SOCKET BGA928, IC SOCKET 624 POS 1.27MM BGA ADAPTER BGA665, IC SOCKET BGA308, IC SOCKET BGA824, IC SOCKET BGA409, IC SOCKET BGA1225, IC SOCKET BGA233, IC SOCKET BGA408, IC SOCKET BGA84, IC SOCKET BGA153, IC SOCKET BGA404, IC SOCKET BGA169, IC SOCKET BGA644, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
ELANSC520-100AC ELANSC520-100AI |
PLASTIC BGA, CAVITY UP(BGA)
|
ADVANCED MICRO DEVICES INC
|
FDZ4670 |
N-Channel PowerTrench?MOSFET BGA 30V, 25A, 2.5mΩ N-Channel PowerTrench㈢MOSFET BGA 30V, 25A, 2.5mヘ
|
Fairchild Semiconductor
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
MT49H8M32BM-4 MT49H8M32FM-4 |
8M X 32 DDR DRAM, PBGA144 11 X 18.50 MM, LEAD FREE, MICRO, BGA-144 8M X 32 DDR DRAM, PBGA144 11 X 18.50 MM, MICRO, BGA-144
|
NEC, Corp.
|
EPM7512AEBC256-10 EPM7256AEFC100-10 |
COMPLEX-EEPLD,512-CELL,10NS PROP DELAY,BGA,256PIN,PLASTIC COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,BGA,100PIN,PLASTIC
|
Altera Corp
|
N01L1618N1AB2-70I N01L1618N1AB-70I |
64K X 16 STANDARD SRAM, 70 ns, PBGA48 GREEN, BGA-48 64K X 16 STANDARD SRAM, 70 ns, PBGA48 BGA-48
|
ON Semiconductor ST Microelectronics
|
|