PART |
Description |
Maker |
M80-5601046 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
M80-5T10642B1 M80-5T12042B1 M80-5T12642B1 M80-5T11 |
DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-8151205 |
Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11642M3-00-000-00-000 M80-5T10405M3-00-000-0 |
Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, jackscrews 5mm board mount, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, with jackscrews 5mm board mount, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, jackscrews 5mm board mount, 16 16-way 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 12 12-way 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 14 14-way Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, with jackscrews 5mm board mount, 3 3-way Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 2 2-way
|
Harwin PLC HARWIN INC
|
M80-5212042 |
Datamate J-Tek DIL Male Vertical 4.5mm PC Tail Connector, selective gold tin, no jackscrews, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5310642 |
Datamate J-Tek DIL Male Horizontal 4.5mm PC Tail Connector, selective gold tin, with jackscrews, 3 3-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-7532022 |
Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5520642 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, no jackscrews, 3 3-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT, JACK
|
TE Connectivity, Ltd.
|
M80-8551822 |
Datamate L-Tek DIL Male Vertical 5.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-5123842 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 19 19-way 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
|