Part Number Hot Search : 
2SD2240R BCR191W EL3H7 DMC60C52 C339G 5DLCA 2N6490 2N498
Product Description
Full Text Search
  bore Datasheet PDF File

For bore Found Datasheets File :: 308    Search Time::1.719ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CC-037-025 CC-050-037 CC-062-062 CC-075-050 CC-075-062 CC-087-062 CC-087-087 CC-025-025 CC-037-037 CC-050-050 CC-062-050

ETC
Part No. CC-037-025 CC-050-037 CC-062-062 CC-075-050 CC-075-062 CC-087-062 CC-087-087 CC-025-025 CC-037-037 CC-050-050 CC-062-050 CC-075-075
OCR Text ...rt - consult factory. dimension bore, inch tolerance +.003 / -.000 climax part number black black bore bore oxide oxide steel size size o.d. width clamp box weight* steel with keyw a y (inch) (inch) screw qty . (ounce) cc-025-025 1/4 1 /4 1...
Description Clamping Couplings / Recessed Screws

File Size 146.55K  /  1 Page

View it Online

Download Datasheet





    UPC1694 UPC1694GR UPC1694GR-E1

NEC[NEC]
Part No. UPC1694 UPC1694GR UPC1694GR-E1
OCR Text ...t 1 000 pF L2 L1 20 pF C1 C1 L1 bore 8 pF fRF = 200 MHz 4 pF fRF = 470 MHz 2 pF Input Frequency Wire diameter : 0.3 mm Wire diameter : 0.4 mm Wire diameter : 0.4 mm : 3.5 mm bore : 3.2 mm bore : 3.5 mm Number of turns: 23 T Number ...
Description GENERAL PURPOSE HIGH FREQUENCY WIDEBAND IC FOR FREQUENCY DOWN-CONVERTER

File Size 135.40K  /  20 Page

View it Online

Download Datasheet

    LH60030-1 LH60030-2 LH60030-3 LH25600-1 LR25100-1 LR25100-3 LH25600-3 LR60600-3 LH25030-1 LH25030-2 LH25030-3 LH25060-1

Littelfuse, Inc.
LITTELFUSE[Littelfuse]
Part No. LH60030-1 LH60030-2 LH60030-3 LH25600-1 LR25100-1 LR25100-3 LH25600-3 LR60600-3 LH25030-1 LH25030-2 LH25030-3 LH25060-1 LH25060-2 LH25060-3 LH25100-1 LH25100-2 LH25100-3 LH25200-1 LH25200-3 LH25400-1 LH25400-3 LH60060-1 LH60060-2 LH60060-3 LH60100-1 LH60100-2 LH60100-3 LH60200-1 LH60200-3 LH60400-1 LH60400-3 LH60600-1 LH60600-3 LR25030-1 LR25030-2 LR25030-3 LR25060-1 LR25060-2 LR25060-3 LR25100-2 LR25200-1 LR25200-3 LR25400-1 LR25400-3 LR25600-1 LR25600-3 LR60030-1 LR60030-2 LR60030-3 LR60060-1 LR60060-2 LR60060-3 LR60100-1 LR60100-2 LR60100-3 LR60200-1 LR60200-3 LR60400-1 LR60400-3 LR60600-1
OCR Text ... 250V 60A .218/[5.54] DIA. C'bore .400/[10.16] DIA. X .63[16] DP 4.83" [122.7] 4.83" [122.7] 4.83" [122.7] 1.24" [31.5] 1.24" [31.5] 1.24" [31.5] 1.79" [45.6] 1.79" [45.6] 1.79" [45.6] .49" [12] ...
Description Class H/K5 and R Fuse Blocks H/K5和R保险丝座

File Size 619.81K  /  5 Page

View it Online

Download Datasheet

    LT60030-1 LT60030-2 LT60030-3 LT30200-1 LT60060-1 LT60060-3 LT60100-1 LT60100-3 LT30600-1 LT60060-2 LT60100-2 LT30100-1

Littelfuse, Inc.
LITTELFUSE[Littelfuse]
Part No. LT60030-1 LT60030-2 LT60030-3 LT30200-1 LT60060-1 LT60060-3 LT60100-1 LT60100-3 LT30600-1 LT60060-2 LT60100-2 LT30100-1 LT30100-2 LT30100-3 LT30400-1 LT60200-1 LT60400-1 LT60600-1 LT30030-2 LT30030-3 LT30060-2 LT30060-3 LT30060-4
OCR Text ....218" [5.54] THRU .39" [9.91] C'bore x .44" [9.91] DP. 2.88 [73.0] 2.88" [73.0] 2.25 [57.2] 2.25" [57.2] 1.13 .31 [7.9] [28.6] 1.13" .31" [7.9] [28.6] .62" [15.9] 2.38 [60.3] 3.50" [88.9] 1.12" [28.5]...
Description Class T Fuse Blocks - 300 and 600 Volt T类保险丝 300600伏特

File Size 524.00K  /  4 Page

View it Online

Download Datasheet

    28020

List of Unclassifed Manufacturers
Part No. 28020
OCR Text ...ut' blade 58mm diameter (10mm bore). 80 alternately set teeth . ideal for hard and soft wood as well as plastic and pertinax. for fast, clean cuts. teeth a re individually set and sharpened. superior cutting power! no 28 014 ...
Description For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards

File Size 57.85K  /  4 Page

View it Online

Download Datasheet

    RADIALL S A
Part No. R222.221.702
OCR Text bore solder type cable .047 series : smp issue : 0745 b in the effort to improve our products, we reserve the right to make changes judged to be necessary. all dimensions are in mm. .. pn ao components body center contact outer contact ins...
Description PANEL MOUNT, CABLE TERMINATED, MALE, RF CONNECTOR, SOLDER, JACK

File Size 34.38K  /  3 Page

View it Online

Download Datasheet

    SMP-FR-C07

Amphenol Corporation
Part No. SMP-FR-C07
OCR Text ...ht pcb (male), thru-hole smooth bore straight pcb (male), surface mount catchers mitt straight pcb (male), surface mount full detent straight pcb (male), surface mount limited detent straight pcb (male), surface mount smooth...
Description Compensate for Radial and Axial Misalignment

File Size 1,520.56K  /  2 Page

View it Online

Download Datasheet

    ROSENBERGER HOCHFREQUENZTECHNIK GMBH & CO KG
Part No. 19K115-K00L5
OCR Text ...ycles if mating part is smooth bore 1000 if mating part is limited detent 500 if mating part is full detent 100 engagement force - smooth bore 9 n max. - limited detent 45 n max. - full detent 68 n max. disengagement ...
Description FEMALE-FEMALE, RF STRAIGHT ADAPTER, JACK-JACK

File Size 53.92K  /  2 Page

View it Online

Download Datasheet

    MEB2-64PBR MEB2-64PH MEB2-64PL MEB2-64PS MEB1-92PBR MEB1-92PH MEB1-92PL MEB1-92PS MEB1-64PBR MEB1-64PH MEB1-64PL MEB1-64

ITT CANNON
http://
ITT[ITT Industries]
Part No. MEB2-64PBR MEB2-64PH MEB2-64PL MEB2-64PS MEB1-92PBR MEB1-92PH MEB1-92PL MEB1-92PS MEB1-64PBR MEB1-64PH MEB1-64PL MEB1-64PS MEB1-128PBR MEB1-128PH MEB1-128PL MEB1-128PS MEB2-128PBR MEB2-128PH MEB2-128PL MEB2-128PS MEB2-128SBR MEB2-128SH MEB2-128SL MEB2-128SS MEB2-184PBR MEB2-184PH MEB2-184PL MEB2-184PS MEB2-184SBR MEB2-184SH MEB2-184SL MEB2-184SS MEB2-64SBR MEB2-64SH MEB2-64SL MEB2-64SS MEB2-92PBR MEB2-92PH MEB2-92PL MEB2-92PS MEB2-92SBR MEB2-92SH MEB2-92SS MEB1-128SBR MEB1-128SH MEB1-128SL MEB1-128SS MEB1-184PBR MEB1-184PH MEB1-184PL MEB1-184PS MEB1-184SBR MEB1-184SH MEB1-184SL MEB1-184SS MEB1-64SBR MEB1-64SH MEB1-64SL MEB1-64SS MEB1-92SBR MEB1-92SH MEB1-92SL MEB1-92SS MEB2-92SL MEB1-128SBR-23
OCR Text ...7 (4.75) X .045 (1.14) DEEP "C" bore 2 PLACES "A" SIDE ONLY .187 (4.75) DIA. THRU "B"SIDE ONLY Part No. 128S 128SBR Weight oz. (gm.) Max. .5 (14.17) .5 (14.17) A .015 (0.38) 3.950 (100.33) B .010 (0.25) .250 (6.35) C .010 (0....
Description 128 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
Micro Edgeboard - .050 Contact Spacing

File Size 184.95K  /  5 Page

View it Online

Download Datasheet

For bore Found Datasheets File :: 308    Search Time::1.719ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of bore

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50970101356506