PART |
Description |
Maker |
1FHAX720-737G FHAX937-737G 2FJA168-736G FGA596-720 |
720 POS 1MM BGA SMT ADAPTER BGA720, IC SOCKET 937 POS 1MM BGA SMT ADAPTER BGA937, IC SOCKET 168 POS 0.80MM PITCH BGA SMT ADAPTER BGA168, IC SOCKET 596 POS 1.27MM BGA SMT ADAPTER BGA596, IC SOCKET 1020 POS 1MM BGA SMT ADAPTER BGA1020, IC SOCKET 860 POS 1MM BGA SMT ADAPTER BGA860, IC SOCKET 225 POS 1MM BGA SMT ADAPTER BGA225, IC SOCKET 388 POS 1MM BGA SMT ADAPTER BGA388, IC SOCKET 480 POS 1.27MM BGA SMT ADAPTER BGA480, IC SOCKET 324 POS 1MM BGA SMT ADAPTER BGA324, IC SOCKET 560 POS 1MM BGA SMT ADAPTER BGA560, IC SOCKET BGA1036, IC SOCKET 256 POS 1.27MM BGA SMT ADAPTER BGA320, IC SOCKET BGA328, IC SOCKET BGA132, IC SOCKET BGA241, IC SOCKET BGA255, IC SOCKET BGA208, IC SOCKET BGA272, IC SOCKET BGA233, IC SOCKET 384 POS 1MM BGA SMT ADAPTER 225 POS 1.27MM BGA EXTRACTION ADAPTER BGA696, IC SOCKET BGA957, IC SOCKET BGA824, IC SOCKET BGA644, IC SOCKET BGA352, IC SOCKET BGA784, IC SOCKET BGA788, IC SOCKET BGA416, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
FGA272-638G FGA303-638G FGAX600-638G FGA304-638G F |
272 POS 1.27MM BGA ADAPTER BGA272, IC SOCKET 303 POS 1.27MM BGA ADAPTER BGA303, IC SOCKET 600 POS 1.27MM BGA EXTRACTION ADAPTER BGA600, IC SOCKET 304 POS 1.27MM BGA ADAPTER BGA304, IC SOCKET 168 POS 1.27MM BGA EXTRACTION ADAPTER BGA168, IC SOCKET 304 POS 1.27MM BGA EXTRACTION ADAPTER 255 POS 1.27MM BGA EXTRACTION ADAPTER 357 POS 1.27MM BGA ADAPTER 560 POS 1.27MM BGA ADAPTER
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
IBM25PPC405GP-3BE266C IBM25PPC405GP-3EE200C IBM25P |
MICROPROCESSOR|32-BIT|CMOS|BGA|413PIN|PLASTIC MICROPROCESSOR|32-BIT|CMOS|BGA|456PIN|PLASTIC 微处理器| 32位|的CMOS | BGA封装| 456PIN |塑料
|
Jameco Electronics Mitel Networks, Corp.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
EPM7512AEBC256-10 EPM7256AEFC100-10 |
COMPLEX-EEPLD,512-CELL,10NS PROP DELAY,BGA,256PIN,PLASTIC COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,BGA,100PIN,PLASTIC
|
Altera Corp
|
IDT71V67613S200BQ IDT71V67613S183BG IDT71V67613S20 |
256K X 36 CACHE SRAM, 3.1 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.3 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 36 CACHE SRAM, 3.1 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.1 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119
|
Integrated Device Technology, Inc.
|
IBM25PPC405EP-3GA133C IBM25PPC405EP-3GA200C IBM25P |
32-BIT, 133.33 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 200 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385 32-BIT, 266.66 MHz, RISC PROCESSOR, PBGA385 31 X 31 MM, ENHANCED, PLASTIC, BGA-385
|
Electronic Theatre Controls, Inc.
|
K7P323688M-HC250 K7P323688M-GC250 |
1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 36 LATE-WRITE SRAM, 2 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, ROHS COMPLIANCE, BGA-119
|
TOKO, Inc.
|
K7P401823B-HC650 K7P401823B-HC750 K7P403623B |
256K X 18 STANDARD SRAM, 6.5 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, BGA-119 128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|
|