PART |
Description |
Maker |
CXK77P36E160GB-43BE CXK77P18E160GB-4BE CXK77P18E16 |
1M X 18 STANDARD SRAM, 3.7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 3.8 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.1 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18) 16Mb的龙运RL HSTL高速同步静态存储器(为512k × 3600万18 CAP 820PF 50V 20% X7R SMD-0603 TR-7 PLATED-NI/SN
|
http:// Yuasa Battery, Inc. Integrated Circuit Technology Corp Microsemi, Corp. Sony, Corp. Sony Corporation
|
ELANSC520-100AC ELANSC520-100AI |
PLASTIC BGA, CAVITY UP(BGA)
|
ADVANCED MICRO DEVICES INC
|
HYRDU64164M-80M HYRDU72184M-80M HYRDU72184M-60M |
4M X 16 RAMBUS, PBGA66 MICRO, BGA-66 4M X 18 RAMBUS, PBGA74 MICRO, BGA-74
|
Hynix Semiconductor, Inc.
|
IS71V08F64GS08-7085AI IS71V08F64GS08-7085BI |
SPECIALTY MEMORY CIRCUIT, PBGA101 11 X 12 MM, BGA-101 SPECIALTY MEMORY CIRCUIT, PBGA73 8 X 11.60 MM, BGA-73
|
Integrated Silicon Solution, Inc.
|
IBM25PPC440GX-3FB533C IBM25PPC440GX-3CB533C IBM25P |
32-BIT, 533 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 533 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 667 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552
|
Mitsubishi Electric, Corp.
|
PC48F4400P0VT00A RC48F4400P0VT00A |
32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 LEAD FREE, BGA-64 32M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 BGA-64
|
Intel, Corp.
|
GDPXA255A0C400 GDPXA255A0E200 GDPXA255A0C200 GDPXA |
32-BIT, 400 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 200 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256 32-BIT, 300 MHz, MICROPROCESSOR, PBGA256 17 X 17 MM, 1.75 MM HEIGHT, PLASTIC, BGA-256
|
Intel, Corp. INTEL CORP
|
UPD44325084F5-E37-EQ2-A UPD44325084F5-E50-EQ2-A UP |
4M X 8 QDR SRAM, 0.45 ns, PBGA165 13 X 15 MM, LEAD FREE, PLASTIC, BGA-165 4M X 8 QDR SRAM, 0.45 ns, PBGA165 13 X 15 MM, PLASTIC, BGA-165
|
NEC, Corp.
|
EPM7512AEBC256-10 EPM7256AEFC100-10 |
COMPLEX-EEPLD,512-CELL,10NS PROP DELAY,BGA,256PIN,PLASTIC COMPLEX-EEPLD,256-CELL,10NS PROP DELAY,BGA,100PIN,PLASTIC
|
Altera Corp
|
IDT71V67613S200BQ IDT71V67613S183BG IDT71V67613S20 |
256K X 36 CACHE SRAM, 3.1 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.3 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 36 CACHE SRAM, 3.1 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.1 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119
|
Integrated Device Technology, Inc.
|
FW80321M600Q467 FW80321M400Q466 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
|