PART |
Description |
Maker |
M80-4D10405F2-02-327-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 4 x Large bore signal contacts, 2 x 16 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-0550005 |
Datamate J-Tek 3-Row (M80-7XX series) Female Crimp Contact, gold clip gold shell BERYLLIUM COPPER, GOLD FINISH, WIRE TERMINAL
|
Harwin PLC
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-4T1164200-06-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, No jackscrews, 16 x 3mm PC Tail signal contacts, 6 x 3mm PC Tail Coax contacts 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4704805 M80-4704042 M80-4703042 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, no jackscrews, 24 24-way 48 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 20 20-way 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8991701 M80-8990701 M80-8990705 |
Datamate L-Tek SIL Female Large Bore Crimp Connector, gold clip tin shell, 17-way 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate L-Tek SIL Female Large Bore Crimp Connector, gold clip tin shell, 7-way 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate L-Tek SIL Female Large Bore Crimp Connector, gold clip gold shell, 7-way 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
M80-4802805 M80-4802042 M80-4802405 M80-4603005 M8 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 14 14-way 28 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, with Hex Socket jackscrews, 10 10-way 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 12 12-way 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, with jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 6 6-way 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET
|
Harwin PLC
|
|