PART |
Description |
Maker |
AD5262-EVAL AD5260 AD5262BRU20-REEL7 AD5262BRU200- |
15 V or ±5 V, Dual-Channel, SPI Compatible, 256 Position Digital Potentiometer 15 V or V, Dual-Channel, SPI Compatible, 256 Position Digital Potentiometer 15 V or V, Single-Channel, SPI Compatible, 256 Position Digital Potentiometer 32-Tap. Nonvolatile. Linear-Taper Digital Potentiometers in SOT23 20K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD5255 AD5255BRU25-RL7 AD5255BRU250-RL7 |
18 Bit, 1.25MSPS Single Channel Delta-Sigma ADC Single 64-HTQFP -40 to 85 3-Channel Digital Potentiometer with Nonvolatile Memory TRIPLE 25K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 512 POSITIONS, PDSO24 3-Channel Digital Potentiometer with Nonvolatile Memory TRIPLE 250K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 512 POSITIONS, PDSO24
|
Analog Devices, Inc.
|
FDG6313N FDG6313NNL |
25V Dual N-Channel, Digital FET 500 mA, 25 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp.
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
ADUM1401WTRWZ-RL ADUM1401WSRWZ-RL ADUM1400CRW-RL A |
Quad-Channel Digital Isolator (3/1 Channel Directionality); No of Pins: 16; Temperature Range: Military SPECIALTY ANALOG CIRCUIT, PDSO16 Quad-Channel Digital Isolator (4/0 Channel Directionality); Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial SPECIALTY ANALOG CIRCUIT, PDSO16 Quad-Channel Digital Isolator (3/1 Channel Directionality); Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial SPECIALTY ANALOG CIRCUIT, PDSO16 Quad-Channel Digital Isolator (2/2 Channel Directionality); Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial Quad-Channel Digital Isolators
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FDV302PNL |
Digital FET,P-Channel 120 mA, 25 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
NTE2959 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
MAX1202 MAX1202ACAP MAX1202ACPP MAX1202AEAP MAX120 |
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE 5v 8-cHANNEL sERIAL 12-bIT adcS WITH 3v dIGITAL iNTERFACE 5v / 8-cHANNEL / sERIAL / 12-bIT adcS WITH 3v dIGITAL iNTERFACE From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
NTE2980 |
Dual Channel, 1/1, 25Mbps Digital Isolator 8-SOIC -40 to 125 Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
ADUM1280 ADUM1285 ADUM1281 ADUM1286 |
3kV rms, Default High, Dual-Channel Digital Isolators (2/0 Channel Directionality) 3kV rms, Default Low, Dual-Channel Digital Isolators (2/0 Channel Directionality) 3kV rms, Default High, Dual-Channel Digital Isolators (1/1 Channel Directionality) 3kV rms, Default Low, Dual-Channel Digital Isolators (1/1 Channel Directionality)
|
Analog Devices
|
GC5057 GA3225 GB3215 GB3225 GC5051 |
PARAGON?DIGITAL Four Channel DSP System with FRONTWAVE PARAGON⑩ DIGITAL Four Channel DSP System with FRONTWAVE PARAGON?/a> DIGITAL Four Channel DSP System with FRONTWAVE PARAGON DIGITAL Four Channel DSP System with FRONTWAVE
|
GENNUM[Gennum Corporation]
|
|