PART |
Description |
Maker |
M80-4012601 M80-4013405 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with jackscrews, 17 17-way
|
Harwin PLC HARWIN INC
|
SR3.3TC SR3.3TG |
RailClamp Low Capacitance TVS Diode Array Datamate Trio-Tek DIL Female Housing, with Hex Slotted jackscrews, 5 5-way
|
SEMTECH[Semtech Corporation] Semtechoration
|
M80-7700401 M80-7700801 M80-7702601 M80-7701801 |
Datamate L-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M80-4813005 M80-4814205 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, with Hex Socket jackscrews, 21 21-way 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5305022 |
DATAMATE J-TEK MALE DIL HORIZONTAL PC TAIL WITH JACKSCREW
|
Harwin Plc
|
M80-5T10642B1 M80-5T12042B1 M80-5T12642B1 M80-5T11 |
DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
|
Harwin Plc
|
M83-LFC1F1N60-0000-000 |
JACKSCREW DATAMATE 3-ROW CRIMP FEMALE ASSEMBLY (60-WAY) Datamate J-Tek 3-Row Female Small Bore Crimp Connector, gold, Hexagonal jackscrews, 3 x 20-way (60)
|
Harwin Plc HARWIN INC
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
M80-5T11642M3-00-000-00-000 M80-5T10405M3-00-000-0 |
Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, jackscrews 5mm board mount, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, with jackscrews 5mm board mount, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, jackscrews 5mm board mount, 16 16-way 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 12 12-way 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 14 14-way Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, with jackscrews 5mm board mount, 3 3-way Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 2 2-way
|
Harwin PLC HARWIN INC
|
M80-5L12622M5-00-000-00-000 M80-5L13842M5-00-000-0 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 19 19-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5403442 M80-5415022 HARWININC-M80-5401242 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 4.5mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|