PART |
Description |
Maker |
ATS014014011-PF-3J |
14.00 x 14.00 x11.00 mm BGA Heat Sink (HIgh Aspect Ratio Ext.) Custom Pin FIn
|
Advanced Thermal Solutions, Inc.
|
HYRDU64164M-80M HYRDU72184M-80M HYRDU72184M-60M |
4M X 16 RAMBUS, PBGA66 MICRO, BGA-66 4M X 18 RAMBUS, PBGA74 MICRO, BGA-74
|
Hynix Semiconductor, Inc.
|
IBM25PPC740L-GB300A2R IBM25PPC740L-GB350A2R IBM25P |
32-BIT, 300 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 350 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 375 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 400 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 333 MHz, RISC PROCESSOR, CBGA255 21 X 21 MM, 1.27 MM PITCH, CERAMIC, BGA-255 32-BIT, 366 MHz, RISC PROCESSOR, CBGA360
|
Electronic Theatre Controls, Inc.
|
2FGA320-638G 2FGAX241-720G |
320 POS 1.27MM BGA ADAPTER 241 POS 1.27MM BGA SMT ADAPTER
|
Advanced Interconnections
|
IBM25PPC405GP-3BE266C IBM25PPC405GP-3EE200C IBM25P |
MICROPROCESSOR|32-BIT|CMOS|BGA|413PIN|PLASTIC MICROPROCESSOR|32-BIT|CMOS|BGA|456PIN|PLASTIC 微处理器| 32位|的CMOS | BGA封装| 456PIN |塑料
|
Jameco Electronics Mitel Networks, Corp.
|
IDT71V67613S200BQ IDT71V67613S183BG IDT71V67613S20 |
256K X 36 CACHE SRAM, 3.1 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.3 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 36 CACHE SRAM, 3.1 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PQFP100 14 X 20 MM, 1.40 MM HEIGHT, PLASTIC, TQFP-100 256K X 36 CACHE SRAM, 3.3 ns, PBGA165 13 X 15 MM, FINE PITCH, BGA-165 256K X 36 CACHE SRAM, 3.1 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119
|
Integrated Device Technology, Inc.
|
FW80321M600SL6R3 FW80321M400SL6R2 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
AT49BV160-90CI AT49BV161-70CI AT49BV161-90CI AT49B |
EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|45PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 45PIN |塑料
|
ATM Electronic, Corp.
|
K7P401823B-HC650 K7P401823B-HC750 K7P403623B |
256K X 18 STANDARD SRAM, 6.5 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, BGA-119 128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|
W9864G2DB-7 |
BGA SDRAM
|
Winbond Electronics
|
CA-MLF52C-A-S-01 |
BGA Prototyping Adaptor
|
Ironwood Electronics.
|
|