PART |
Description |
Maker |
STM32F101T6U6A VFQFPN36 LQFP48 LQFP64 STM32F101C6T |
Mainstream Access line, ARM Cortex-M3 MCU with 16 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces Mainstream Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 36 MHz CPU Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics ST Microelectronics
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
STM8S103XX |
Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I2C
|
STMicroelectronics
|
STM32F101X410 STM32F101X610 |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
|
STMicroelectronics
|
LUCL9311GP0DT L9311 LUCL9311AP-D LUCL9311AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance/ Ringing Relay/and GR-909 Test Access
|
AGERE[Agere Systems]
|
STM32F101RDT6XXX STM32F101ZET6TR |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144
|
STMicroelectronics
|
STM32F101T6U6XXX STM32F101R4U6XXX STM32F101R4U6AXX |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
STM32F101RCT6TR STM32F101ZET6TR STM32F101ZET6XXX S |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
|
STMicroelectronics
|
LUCL9313AP-D LUCL9313GP-DT LUCL9313AP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
|
http://
|
STM32F101RB |
Access Line, Advanced ARM-based 32-bit MCU with Flash Memory,Six 16-bit Timers, ADC and Seven Communication Interfaces(基本型,先进的基于ARM内核2位Flash MCU6位计时器,ADC个通信接口) 接入线,先进的ARM为基础的快闪记忆体6位定时器,ADC个通信接口(基本型,先进的基于ARM的内核的32位闪存微控制器,66位计时器,模数转换器2位微控制个通信接口
|
STMicroelectronics N.V.
|
LUCL9312GP-D LUCL9312GP-DT L9312 LUCL9312AP-D LUCL |
Line Interface and Line Access Circuit Forward Battery SLIC and Ringing Relay for TR-57 Applications
|
AGERE[Agere Systems]
|