Part Number Hot Search : 
BAS05 QL6325 PDSP1 97613 2SA1443 STV2246 MC33182D P1600
Product Description
Full Text Search
  timers Datasheet PDF File

For timers Found Datasheets File :: 12296    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...I/O lines, three 16-bit counter/timers, a six-source, four-priority level nested interrupt structure, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and on-chip oscillator and clock circuits....
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet





    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...I/O lines, three 16-bit counter/timers, a six-source, four-priority level nested interrupt structure, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and on-chip oscillator and clock circuits....
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ... and a 64 k data storage space. timers 0, 1, and 2 timers 0, 1, and 2 each consist of two 8-bit data registers. these are called tl0 and th0 for timer 0, tl1 and th1 for timer 1, and tl2 and th2 for timer 2. the tcon and tmod registers prov...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    STM8S903F3M6TR

STMICROELECTRONICS
Part No. STM8S903F3M6TR
OCR Text timers, uar t , spi, i2c features core ? 16 mhz advanced stm8 core with harvard architecture and 3-stage pipeline ? extended instruction set memories ? program memory: 8 kbytes flash; data retention 20 years at 55 c after 10 kcycles ? data ...
Description 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDSO20

File Size 1,190.32K  /  113 Page

View it Online

Download Datasheet

    PIC24HJ32GP204

Microchip Technology
Part No. PIC24HJ32GP204
OCR Text ...independent adc trigger sources timers/output compare/input capture ? three 16-bit timers/counters. can pair up two to make one 32-bit. ? two output capture modules configurable as timers/counters ? four input capture modules ? peripheral...
Description 16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog

File Size 1,948.81K  /  290 Page

View it Online

Download Datasheet

    FREESCALE SEMICONDUCTOR INC
Part No. XPC850CZT66BU XPC850CZT80B
OCR Text ...t ram interrupt controller four timers 20 virtual 2 virtual 32-bit risc communications processor (cp) and program rom scc2 usb spi timer non-multiplexed serial interface mpc8xx core instruction idma channels serial dma and channels unified ...
Description 32-BIT, 66 MHz, RISC PROCESSOR, PBGA256
32-BIT, 80 MHz, RISC PROCESSOR, PBGA256

File Size 1,162.26K  /  72 Page

View it Online

Download Datasheet

    STM8AH51A8 STM8AH51AA

STMicroelectronics
Part No. STM8AH51A8 STM8AH51AA
OCR Text ...ytes flash, eeprom, 10-bit adc, timers, lin, can, usart, spi, i 2 c, 3 v to 5.5 v features core max f cpu : 24 mhz advanced stm8a core with harvard architecture and 3-stage pipeline average 1.6 cycles/instruc tion resulting in 10 mips ...
Description Automotive 8-bit MCU

File Size 774.57K  /  100 Page

View it Online

Download Datasheet

    Sanyo Electric
Part No. LC876132A
OCR Text ... (can be divided into two 8 bit timers) ? 16 bit timer / pwm (can be divided into two 8 bit timers) ? system clock divider function ? synchronous serial i/o port (with automatic block tran smit / receive function) ? asynchronous /...
Description (LC876116A - LC876132A) 8-Bit Single Chip Microcontroller

File Size 418.62K  /  17 Page

View it Online

Download Datasheet

    LC87F40C8A

Sanyo Semicon Device
Part No. LC87F40C8A
OCR Text ...play ram, sophisticated 16-bit timers/counters (may be divided into 8-bit timers), a 16-bit timer/counter (may be divided into 8-bit timers/counters, two 8-bit timers with a pr escaler, a base timer serving as a time-o f-day clock, a high...
Description Internal 128K-byte FROM (ROM/CGROM), 2048 byte RAM, 1024-byte CGRAM, and 704×10-bit CRT Display RAM 8-bit 1-chip Microcontroller

File Size 173.92K  /  26 Page

View it Online

Download Datasheet

For timers Found Datasheets File :: 12296    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of timers

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2300679683685