PART |
Description |
Maker |
M80-8430645 |
Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-7820322 |
Datamate L-Tek SIL Male Vertical 4.5mm PC Tail Connector, latched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M80-336 M80-337 |
DATAMATE MIX-TEK POWER CONTACT MALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-5421242 M80-5423442 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5T10642B1 M80-5T12042B1 M80-5T12642B1 M80-5T11 |
DATAMATE J-TEK DIL VERTICAL 2.7mm PC-TAIL MALE ASSY WITH METAL BACKSHELL
|
Harwin Plc
|
M80-8561705 B5743-204-M-T-B |
34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, unlatched, gold, 2 2-way
|
HARWIN INC
|
M80-7540442 |
Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, unlatched, selective gold tin, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8551822 |
Datamate L-Tek DIL Male Vertical 5.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-7101522 |
Datamate J-Tek 3-Row Male Vertical PC Tail Connector, jackscrews, selective gold tin/lead, 15 signal 2 power 17 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8271645P |
Datamate L-Tek DIL Male Vertical SMT Connector, friction latched, gold, 8 8-way, pick & place cap 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-8161005 M80-8161205 |
Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG
|
Harwin PLC
|
|