PART |
Description |
Maker |
M80-5835005 |
DATAMATE J-TEK DIL MALE DIL SMALL BORE CRIMP
|
Harwin Plc
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
M80-5D11005B1 |
DATAMATE J-TEK DIL MALE CRIMP ASSY
|
Harwin Plc
|
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-5T10422MC M80-5T15022MC M80-5T10442MC M80-5T15 |
DATAMATE J-TEK DIL VERT 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-8684405 M80-8681205 |
Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-7540442 |
Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, unlatched, selective gold tin, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8261645P M80-8263442P M80-8261045P |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, gold, 8 8-way, pick & place cap 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way, pick & place cap 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, gold, 5 5-way, pick & place cap 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-7532022 |
Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5132022 M80-5131222 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-8880605 M80-8891001 M80-8891005 M80-8991001 M8 |
Datamate Connectors Datamate L-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, 17 17-way Datamate Connectors
|
Harwin Plc http:// HARWIN INC
|
M80-4012601 M80-4013405 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with jackscrews, 17 17-way
|
Harwin PLC HARWIN INC
|
|