PART |
Description |
Maker |
IA1215S IA1215D IA1212D IA1209S IA0509D IA0509S IA |
Analog IC 模拟IC 316 POS BGA EXT. SOCKET 316 POS 1.27MM BGA EXT. SOCKET 313 POS 1.27MM BGA EXT. SOCKET
|
Electronic Theatre Controls, Inc. XP Power, Ltd.
|
FDZ291P06 FDZ291P |
P-Channel 1.5 V Specified PowerTrench? BGA MOSFET P-Channel 1.5 V Specified PowerTrench㈢ BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IS61NVF102418-6.5B2 IS61NVF25672-6.5B1 IS61NVF5123 |
1M X 18 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 6.5 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209 512K X 36 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 7.5 ns, PBGA209
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IBM25PPC740L-GB375A2T IBM25PPC740L-GB375A2R IBM25P |
MICROPROCESSOR|32-BIT|CMOS|BGA|360PIN|CERAMIC MICROPROCESSOR|32-BIT|CMOS|BGA|255PIN|CERAMIC 微处理器| 32位|的CMOS | BGA封装| 255PIN |陶瓷
|
Glenair, Inc. Vishay Semiconductors
|
IBM25PPC440GP-3CC400E IBM25PPC440GP-3CC400C IBM25P |
32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 400 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 466 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 500 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552
|
Applied Micro Circuits, Corp. Electronic Theatre Controls, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
AS7C251MPFD18A-133BC AS7C251MPFD18A-133BCN |
1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 BGA-165 1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 LEAD FREE, BGA-165
|
Alliance Semiconductor, Corp.
|
K7P401822B-HC16 K7P401822B-HC20 K7P401822B-HC25 K7 |
SENSOR DIFF VACUUM GAGE 10 H2O 128K × 36 128Kx36 & 256Kx18 Synchronous Pipelined SRAM 128K × 36 256K X 18 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 128K X 36 STANDARD SRAM, 2.7 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 3 ns, PBGA119 14 X 22 MM, BGA-119 SENSOR DIFF VACUUM GAGE 1PSI SENSOR ABSOLUTE 0-15PSIA 128Kx36 & 256Kx18 Synchronous Pipelined SRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
|