PART |
Description |
Maker |
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
H7422 H7422-01 H7422P-50 H7422-02 H7422-20 H7422-4 |
Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No OSC 5V SMT PLAS 14X9 CMOS Slidelock; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Photosensor Modules
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
AM188EM-33VC/W AM186EMLV-40VI/W |
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
Advanced Micro Devices
|
F6S2-2M2 |
Fiber Optic Cable Assembly; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
PANDUIT CORP
|
SSTU32865EG SSTU32865ET SSTU32865 |
1.8 V 28-bit 1:2 registered buffer with parity for DDR2 RDIMM Linear Voltage Regulator IC; Package/Case:8-MSOP; Current Rating:250mA; Leaded Process Compatible:No; Output Voltage Max:1.5V; Peak Reflow Compatible (260 C):No; Reel Quantity:2500; Voltage Regulator Type:Low Dropout (LDO) Linear Voltage Regulator IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
NXP Semiconductors Philips Semiconductors
|
S-2402-CCT |
Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 2 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
|
Cinch Connectors
|
482 |
Phone Plug; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Male; No. of Contacts:3 6.3 MM AUDIO CONNECTOR, PLUG
|
Switchcraft, Inc.
|
43650-0715 |
3.00mm (.118) Pitch Micro-Fit 3.0?/a> Header, Surface Mount Compatible, Single Row,Vertical, with PCB Polarizing Peg, 7 Circuits, Tin (Sn) Plating, Glow Wire Compatible
|
Molex Electronics Ltd.
|
0436501215 43650-1215 |
3.00mm (.118) Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row,Vertical, with PCB Polarizing Peg, 12 Circuits, Tin (Sn) Plating, Glow Wire Compatible
|
Molex Electronics Ltd.
|
057-010-155A |
Multipole Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 CONTACT(S), MALE, TWO PART EURO CONNECTOR, IDC
|
ITW Pancon
|