PART |
Description |
Maker |
M50-3102045 M50-3102545 M50-3100345 M50-3105045 M5 |
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-4302445 M50-4903845 M50-4903045 M50-4302845 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 24 24-way 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 38 38-way 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Pin Header, single polarised, gold, 30 30-way 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 28 28-way 56 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, location pegs, single polarised, gold, 5 5-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M50-4925005 |
1.27mm Pitch DIL Vertical SMT Pin Header, location pegs, double polarised, gold, 50 50-way 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M50-315XX42 |
1.27mm pitch dil smt vert, low-profile socket assy
|
Harwin Plc
|
M50-3000545 |
1.27mm PITCH DIL VERTICAL SOCKET ASSY
|
Harwin Plc
|
0908163004 90816-3004 |
1.27mm (.050) Pitch Picoflex? SMT Latched Vertical Header 1.27mm (.050") Pitch Picoflex垄莽 SMT Latched Vertical Header
|
Molex Electronics Ltd.
|
M50-3155042 M50-3150342 |
1.27 mm PITCH DIL SMT VERTICAL LOW-PROFILE SOCKET ASSEMBLY
|
Harwin Plc
|
M50-4700845 M50-4701445 M50-4701145 M50-4702545 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 14 14-way 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 11 11-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm Pitch DIL Vertical PC Tail Pin Header, single polarised, gold, 25 25-way 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
908160004 908163304 908163306 908163308 908160310 |
Picoflex? SMT Latched Header 1.27mm (.050? Pitch Picoflex垄莽 SMT Latched Header 1.27mm (.050隆卤) Pitch Picoflex庐 SMT Latched Header 1.27mm (.050?? Pitch
|
Molex Electronics Ltd.
|
90814-3622 0908143622 |
1.27mm (.050) Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, SurfaceMount, Gold 1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, SurfaceMount, Gold
|
Molex Electronics Ltd.
|
0908143926 |
1.27mm (.050") Pitch Picoflex PF-50 SMT Header, Vertical, Low Profile, Surface Mount
|
Molex Electronics Ltd.
|
|