PART |
Description |
Maker |
M30-6000346 M30-6001546 M30-6001046 |
1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 3-way 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 15-way 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 10-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M40-4010946R |
1.00mm Pitch SIL Horizontal SMT Pin Header, tin, 9-way, Tape & Reel 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
0472450001 |
2.54mm (.100) Pitch Pogo Pin Connector, SMT, Vertical, with Pick-and- Place Cap, 3 Circuits, Lead-free
|
Molex Electronics Ltd.
|
M30-4010746 M30-4010946 |
1.25mm Pitch SIL Horizontal SMT Blade Header, hold-down tabs, tin, 7-way 7 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SOLDER 1.25mm Pitch SIL Horizontal SMT Blade Header, hold-down tabs, tin, 9-way 9 CONTACT(S), MALE, RIGHT ANGLE DIP CONNECTOR, SOLDER
|
Harwin PLC
|
M30-3011146 M30-3010346 |
1.25mm Pitch SIL Vertical SMT Blade Header, hold-down tabs, tin, 11-way 11 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Blade Header, hold-down tabs, tin, 3-way 3 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M20-7842042 M20-7842046 M20-7843446 M20-7843846 M2 |
2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, selective gold tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 34-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 14-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL PC Tail Bottom Entry Socket Assembly, 7.62mm tail spacing, selective gold tin, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, selective gold tin, 27-way 27 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, selective gold tin, 18-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL PC Tail Bottom Entry Socket Assembly, 5.08mm tail spacing, tin, 40-way
|
Harwin PLC HARWIN INC
|
M22-2211346 M22-2211446 M22-2200646 |
2.00mm Pitch SIL Latched Horizontal PC Tail Pin Header, shrouded, tin, 13-way 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Latched Horizontal PC Tail Pin Header, shrouded, tin, 14-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Latched Vertical PC Tail Pin Header, shrouded, tin, 6-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M20-7822046 M20-7823842 M20-7830246 M20-7831042 M2 |
2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 38-way 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL Vertical PC Tail Socket Assembly, selective gold tin, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 19-way 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 20-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 11-way 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 35-way 35 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 25-way 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 15-way 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 22-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 13-way 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 10-way 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, tin, 31-way 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 22-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Vertical PC Tail Socket Assembly, selective gold tin, 40-way
|
Harwin PLC HARWIN INC
|
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
M50-3600142 M50-3605042 |
1.27 mm PITCH DIL VERTICAL SMT PIN HEADER
|
Harwin Plc
|
70287-1088 |
2.54mm (.100) Pitch C-Grid? Header, Breakaway, Dual Row, Vertical, with Retention Pin, 82 Circuits, 8.13mm (.320) Mating Pin Length, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
|