PART |
Description |
Maker |
BA982 LL4148 LS4154 BAV21 LS4150 |
SILICON, VHF BAND, MIXER DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-213AA 0.15 A, 35 V, SILICON, SIGNAL DIODE 0.25 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.3 A, 50 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
BYM06-400 BYM06-600 BYM06-100 BYM06-50 |
0.5 A, 400 V, SILICON, SIGNAL DIODE 0.5 A, 600 V, SILICON, SIGNAL DIODE 0.5 A, 100 V, SILICON, SIGNAL DIODE 0.5 A, 50 V, SILICON, SIGNAL DIODE
|
Vishay Intertechnology, Inc. Spacecraft Components, Corp.
|
1N4004GPE/4G 1N4005GPE/100 1N4002GPE/100 1N4003GPE |
Diodes 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 50 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN
|
Vishay Beyschlag
|
BC546 BC547 BC548 BC546B BC547C |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Planar Epitaxial Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
1N4003-A 1N4004-A 1N4003-T 1N4002L-T 1N4006L-T 1N4 |
1.0A RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 1.0A RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1.0A RECTIFIER 1 A, 800 V, SILICON, SIGNAL DIODE 1.0A RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Diodes, Inc.
|
BC238ABU BC238ATF BC238TF BC238TAR BC238BU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
TVR2BTPA2 |
0.5 A, 100 V, SILICON, SIGNAL DIODE
|
|
1A2 |
1 A, 100 V, SILICON, SIGNAL DIODE
|
SENSITRON SEMICONDUCTOR
|
CMSD7000BKLEADFREE |
0.2 A, 100 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
|