PART |
Description |
Maker |
ISL22429 |
Dual Digitally Controlled Potentiometer (XDCP); Low Noise, Low Power, SPIBus, 128 Taps, Wiper Only
|
Intersil
|
CAT5112LI-00-G CAT5112LI-10-G CAT5112LI-50-G CAT51 |
32-Tap Digitally Programmable Potentiometer (DPP with Buffered Wiper
|
Catalyst Semiconductor
|
X9455WP24I |
Dual Two-wiper Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 24-PDIP DUAL 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 256 POSITIONS, PDIP24
|
Linear Technology, Corp.
|
CAT521PI-TE10 CAT521_04 CAT521 CAT521JI-TE10 CAT52 |
SPECIALTY ANALOG CIRCUIT, PDIP14 Configured Digitally Programmable Potentiometer 8-Bit DPP, Buffered Wiper and 3-Wire Serial Interface for Programmable Voltage Applications
|
CATALYST[Catalyst Semiconductor]
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
X9269US24IZ X9269UV24-2.7T1 X9269TV24I-2.7 X9269TS |
Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R Dual Digitally-Controlled Potentiometers Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP
|
http:// Intersil, Corp. INTERSIL CORP
|
CAT5221WI-00 CAT5221WI-10 CAT5221WI-25 CAT5221WI-5 |
DPP, NV, Quad 64 taps, I<sup>2</sup>C DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 DPP, NV, Quad 64 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 Dual Digitally Programmable Potentiometer (DPP⑩) with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP垄芒) with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP? with 64 Taps and I2C Interface
|
ON Semiconductor Catalyst Semiconductor http://
|
CAT54110710 CAT5411WI-50 CAT5411 CAT5411WI-10 CAT5 |
Dual Digitally Programmable Potentiometers (DPP⑩) with 64 Taps and SPI Interface Dual Digitally Programmable Potentiometers (DPP? with 64 Taps and SPI Interface Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface Dual Digitally Programmable Potentiometers (DPP垄芒) with 64 Taps and SPI Interface
|
http:// Catalyst Semiconductor
|
VS-70TPS12PBF |
SCR PH CONTR 1200V 70A SUPER-247
|
Vishay Semiconductors
|
CAT5419YI00 CAT5419WI00 CAT5419WI-00-T1 CAT5419WI- |
Dual Digitally Programmable Potentiometers (DPP? with 64 Taps and 2-wire Interface Dual Digitally Programmable Potentiometers (DPP垄芒) with 64 Taps and 2-wire Interface
|
Rectron Semiconductor
|