PART |
Description |
Maker |
IDT72413L45SO IDT72413L45SOB IDT72413L25D IDT72413 |
Current-Mode PWM Controller 14-SOIC 0 to 70 CMOS并行64 × 5位标志位的FIFO High-Performance Current-Mode PWM Controller 8-PDIP 0 to 70 CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
FAN6300AMY FAN6300ANY FAN6300H FAN6300HMY FAN6300H |
Highly Integrated Quasi-Resonant Current Mode PWM Controller SWITCHING CONTROLLER, PDSO8 GREEN, MS-012AA, SOP-8 SWITCHING CONTROLLER, PDIP8 Highly Integrated Quasi-Resonant Current Mode PWM Controller
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
KIA3842P KIA3842F |
Current Mode PWM Controller HIGH PERFORMANCE CURRENT MODE CONTROLLER
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
SG3842N SG3842M SG3843M SG1842SERIES SG1842 |
SMPS CONTROLLER,CURRENT-MODE,BIPOLAR,DIP,14PIN,PLASTIC SMPS CONTROLLER,CURRENT-MODE,BIPOLAR,DIP,8PIN,PLASTIC Current Mode PWM Controller From old datasheet system
|
Microsemi Corp
|
NCP1207-D NCP1207DR2G |
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation PWM电流模式控制器上运行的免费准谐振操作 PWM Current-Mode Controller for Free Running Quasi-Resonant Operation 0.5 A SWITCHING CONTROLLER, PDSO8
|
ON Semiconductor
|
IMP38C42_D IMP38C42EMA IMP38C42EPA IMP38C42EPD IMP |
BiCMOS Current-Mode PWM Controllers BiCMOS Cur BiCMOS Curr rent-Mode ent-Mode PWM Contr PWM Controller ollers s From old datasheet system BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode External Plug-In Power Supply; Series:FW30; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Input Current:2.50A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No RECTIFIER BRIDGE 1.5A 800V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER STANDARD SINGLE 1A 400V 400 25A-ifsm 3uA-ir 1.1V-vf PowerDI123 3K/REEL 的BiCMOS电流模式PWM控制 RECTIFIER BRIDGE 1.5A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE 的BiCMOS电流模式PWM控制 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, UUC SWITCHING CONTROLLER, PDSO8 0.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO8
|
IMP[IMP Inc] A1 PROs co., Ltd. IMP[IMP, Inc] IMP Inc IMP INC.
|
MAX1954AEUB-TG05 MAX1954AEUB-TG077 |
Low-Cost, Current-Mode PWM Buck Controller with Foldback Current Limit
|
MAXIM - Dallas Semiconductor
|
FAN6921 AN-6921 |
Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
|
Fairchild Semiconductor http://
|
FAN6921MR KA431 FDB031N08 PC817 FAN6920 FAN6204 TT |
Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller
|
Fairchild Semiconductor http://
|
PUCC3801T PUCC3801P |
Current-mode PWM controller
|
NXP Semiconductors
|