Part Number Hot Search : 
TB14024 1N5374B AWM3150V B67374 AA102 SP30100R A505RW IR3Y48
Product Description
Full Text Search
  free Datasheet PDF File

For free Found Datasheets File :: 210505    Search Time::2.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PB-FREE CY23S0212 CY23S02SXI-1 CY23S02SXI-1T

Cypress Semiconductor
Part No. PB-free CY23S0212 CY23S02SXI-1 CY23S02SXI-1T
OCR Text ...ckage type temperature grade pb-free cy23s02sxi-1 8-pin soic (150 mil) industrial, ?40 c to 85 c cy23s02sxi-1t 8-pin soic (150 mil) - tape and reel industrial, ?40 c to 85 c t = tape and reel x = 1 temperature range: x = c or i c = commer...
Description Spread Aware Frequency Multiplier, and Zero Delay Buffer
Spread Aware? Frequency Multiplier, and Zero Delay Buffer

File Size 262.54K  /  10 Page

View it Online

Download Datasheet





    SIHF740STRL-GE3

VISHAY SILICONIX
Part No. SIHF740STRL-GE3
OCR Text ... siliconix features ? halogen-free according to iec 61249-2-21 definition ? surface mount ? available in ta pe and reel ? dynamic dv/dt rating ? repetitive avalanche rated ?fast switching ? ease of paralleling ? simple drive requirements...
Description 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB

File Size 172.37K  /  9 Page

View it Online

Download Datasheet

    SI2304BDS08

Vishay Siliconix
Part No. SI2304BDS08
OCR Text ...d-s) mosfet features ? halogen-free opti on available product summary v ds (v) r ds(on) ( )i d (a) q g (typ.) 30 0.070 at v gs = 10 v 3.2 2.6 0.105 at v gs = 4.5 v 2.6 ordering information: si2304bds-t1-e3 (lead (pb)-free) ...
Description N-Channel 30-V (D-S) MOSFET

File Size 109.99K  /  5 Page

View it Online

Download Datasheet

    Luguang Electronic
Part No. SF1602G SF1607G SF1604G SF1605G
OCR Text ...e, hi g h frequenc y inventor, free wheeling, and polarity protection application mechanical data cases: to-220ab molded plastic epoxy: ul 94v-0 rate flame retardant polarity: as marked high temperature...
Description (SF1601G - SF1608G) Glass Passivated Super Fast Rectifiers

File Size 245.72K  /  2 Page

View it Online

Download Datasheet

    NLAS7222AMTR2G

ON SEMICONDUCTOR
Part No. NLAS7222AMTR2G
OCR Text ... data frequency) ? this is a pb?free device typical applications ? differential signal data routing ? usb 2.0 signal routing important information ? continuous current rating through each switch 50 ma http://onsemi.com see detailed orderi...
Description 3.3 V, Wide Bandwidth, 2&#8722; to &#8722;1&#8722;Port (DPDT) Switch with Enable

File Size 145.91K  /  10 Page

View it Online

Download Datasheet

    MPS
Part No. MP2158
OCR Text ... power a ll mps parts are lead-free and adhere to the rohs directive. for mps green status, please visit mps website under products, quality assurance page. ?mps? and ?the future of analog ic technology? are registered trademarks o f m...
Description Synchronous Step Down Switcher

File Size 466.14K  /  13 Page

View it Online

Download Datasheet

   
Part No. PT65502L508 PT65503L508 PT65702L254 PT65706 PT65106L254
OCR Text free: (877) 246-7890 fax: (978) 372-3534 e-mail: info@apem.com pt65 series rotary dip switches general specifications electricals operating voltage 24 vdc max. contact rating, static 400 ma max. contact rating, dynamic...
Description ROTARY CODED SWITCH-10POSITIONS, BCD COMPLEMENT, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE
ROTARY CODED SWITCH-16POSITIONS, BINARY CODED HEXADECIMAL, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE
ROTARY CODED SWITCH-16POSITIONS, BCH COMPLEMENT, LATCHED, 0.4A, 24VDC, THROUGH HOLE-STRAIGHT
ROTARY CODED SWITCH-16POSITIONS, BCH COMPLEMENT, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE

File Size 156.62K  /  4 Page

View it Online

Download Datasheet

   
Part No. MT29F4G16BABWP
OCR Text ... package: 48 tsop type i (lead-free) wp 48 tsop type i (new version, wa 8gb device only, lead-free) 48 tsop type i (contact factory) wg  operating temperature: commercial (0c to 70c) none extended temperature (-40c to +85c) et pdf: 090...
Description 256M X 16 FLASH 2.7V PROM, 30 ns, PDSO48

File Size 995.07K  /  57 Page

View it Online

Download Datasheet

    MIC2871YMK

Micrel Semiconductor
Part No. MIC2871YMK
OCR Text ... 14- pin 3mm 2mm ldfn pb - free note: 1. package is a green rohs - compliant package. lead finish is pb - free. mold compound is halogen free . pin configuration 14- pin 3mm 2mm ldfn (mk) (top view) pin d escript...
Description 1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface

File Size 998.86K  /  24 Page

View it Online

Download Datasheet

For free Found Datasheets File :: 210505    Search Time::2.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of free

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.8573579788208