Part Number Hot Search : 
01502 312D5WFR SUPER 4050N UPC1225 W9825G SD550YT SGM300N
Product Description
Full Text Search
  running Datasheet PDF File

For running Found Datasheets File :: 14287    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ATTINY13A1

ATMEL Corporation
Part No. ATTINY13A1
OCR Text ...ctive, even if the clock is not running. Port B also serves the functions of various special features of the ATtiny13A as listed on page 55. 1.1.4 RESET Reset input. A low level on this pin for longer than the minimum pulse length wil...
Description 8-bit Microcontroller with 1K Bytes In-System Programmable Flash

File Size 3,105.19K  /  174 Page

View it Online

Download Datasheet





    CY7C60113-PVXC CY7C60123-PVXC CY7C60123-PXC CY7C601XX CY7C60223-PXC CY7C60223-QXC CY7C60223-SXC

Cypress Semiconductor
Part No. CY7C60113-PVXC CY7C60123-PVXC CY7C60123-PXC CY7C601XX CY7C60223-PXC CY7C60223-QXC CY7C60223-SXC
OCR Text ...rrupt controller, a 16-bit Free-running Timer with Capture registers and a 12-bit Programmable Interval Timer. The Power-on reset circuit detects when power is applied to the device, resets the logic to a known state, and begins executing i...
Description enCoRe⑩ II Low Voltage Microcontroller

File Size 842.74K  /  62 Page

View it Online

Download Datasheet

    ICS950811 ICS950811YFLFT

INTEGRATED DEVICE TECHNOLOGY INC
Integrated Circuit Systems
Part No. ICS950811 ICS950811YFLFT
OCR Text ... OUT PWR OUT OUT IN Free running PCI clock not affected by PCI_STOP# for power management. Ground pins for 3.3V supply PCI clock outputs 66MHz reference clocks, from internal VCO Invokes power-down mode. Active Low. IN I/O IN OU...
Description 200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56
Frequency Generator with 200MHz Differential CPU Clocks

File Size 287.58K  /  18 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8605
OCR Text ...h the bandwidth between devices running at pex 8605 x1 x1 x1 x1 pex 8605 x1 x2 x1 cpu pex 8605 pcie pcie pcie x1 x1 x1 x1 2.5 &5 gt/s system x1 pex 8605 processor asic asic eth scanner marking engine x1 x1 x1 x1 soc gbe x1 x1 pex 8605...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 271.10K  /  3 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8603
OCR Text ...h the bandwidth between devices running at different data rates (2.5gt/s vs 5.0gt/s) is required to sustain the performance of the faster device. figure 5 provides an pex 8603 x1 x1 x1 pex 8603 x2 x1 x1 x1 .. pex 8603 pch cpu 2.5gt/s; 5....
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 248.58K  /  3 Page

View it Online

Download Datasheet

    LB1696

Sanyo Semicon Device
Part No. LB1696
OCR Text ...ed to be performed during motor running period. If F/R switching is performed during motor running period, through current flows to output and ASO needs to be considered. It is recommended that F/R switching be performed when the VM power s...
Description 3-phase Brushless Motor Driver

File Size 69.92K  /  9 Page

View it Online

Download Datasheet

    LA76810A

Sanyo Semicon Device
Part No. LA76810A
OCR Text ...flection block] Horizontal free-running frequency Horizontal pull-in range Horizontal output pulse width Horizontal output pulse saturation voltage Vertical free-running cycle 50 Vertical free-running cycle 60 Horizontal output pulse phase ...
Description Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC

File Size 521.87K  /  40 Page

View it Online

Download Datasheet

    LA76850

Sanyo Semicon Device
Part No. LA76850
OCR Text ...flection block] Horizontal free-running frequency Horizontal pull-in range Horizontal output pulse width Horizontal output pulse saturation voltage Vertical free-running cycle 50 Vertical free-running cycle 60 Horizontal output pulse phase ...
Description Monolithic Linear IC Black & White Television IC

File Size 276.62K  /  31 Page

View it Online

Download Datasheet

    FREESCALE[Freescale Semiconductor, Inc]
Part No. MC33989DW MC33989DWR2 33989 MCZ33989EG MCZ33989EGR2
OCR Text ...V2 OFF, VSUP < 12 V, Oscillator running Sleep-Disable State Supply Current in Sleep Mode (10) (11) VDD1 and V2 OFF, VSUP < 12 V, Oscillator Not running (12) CAN in Sleep-Disable State Supply Current in Sleep Mode (10) (11) VDD1 and V2 OFF, ...
Description System Basis Chip with High-Speed CAN Transceiver

File Size 1,195.23K  /  66 Page

View it Online

Download Datasheet

For running Found Datasheets File :: 14287    Search Time::1.281ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of running

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6346011161804