PART |
Description |
Maker |
AXK6F80347YG AXK6F80547YG AXK5F30547YG AXK5F00547Y |
Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch. Narrow pitch connectors (0.5mm pitch)
|
Panasonic Semiconductor
|
GP1A05E2J00F GP1A05EJ000F |
Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
|
Sharp Electrionic Components
|
OSV4YL5111A |
5mm Violet LED Superior Weather-resistance 5mm Standard Directivity
|
OptoSupply International
|
GP1A75EJ000F |
Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
|
Sharp Electrionic Components
|
ADT-2735-FF-3MM-02-01 |
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
|
Emerson Network Power
|
DF18D-50DS-0.4V DF18B-50DS-0.4V DF18E-80DS-0.4V DF |
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors 0.4mm Contact Pitch 1.5mm above the board Board-to-Board / Board-to-FPC Connectors 0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors 间距0.4mm的联系,高于板,板对板对FPC连接.5毫米 0.4mm Contact Pitch/ 1.5mm above the board/ Board-to-Board / Board-to-FPC Connectors CAT5E PATCH CORD ORANGE 5FT 间距0.4mm的联系,高于板,板对板对FPC连接.5毫米
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
VISHAYDRALORIC-WYO472MCMBF0K WYO472MCMCF0KR WYO502 |
Cap Ceramic 0.0047uF 440VAC/250VAC 20% (12 X 4.5mm) Radial 7.5mm Bulk CAPACITOR, CERAMIC, 0.005 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Cap Ceramic 0.005uF 440VAC/250VAC 20% (12 X 4.5mm) Radial 7.5mm Bulk WYO - Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
|
Vishay Draloric
|
39372-00 39373-00 39371-00 39374-0909 39374-08 393 |
SR HDR 7.5MM 8 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG RE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 11 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 5 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY RA PLUG 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 3 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 7 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 4 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 7.50mm (.295? Pitch 37 Series Beau? Eurostyle? Pluggable Terminal Blocks 7.50mm (.295隆卤) Pitch 37 Series Beau垄莽 Eurostyle垄莽 Pluggable Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
A470 A471 A472 A471S003501304 A470S003501300 LITTE |
GAS DISCHARGE TUBE - 9,5x11,5mm Casters; For Use With:Racks and Cabinets; Height:4.00"; Weight Capacity:240lb 气体放电 9,5 X11的尺寸,5mm
|
Littelfuse, Inc.
|
M22-2013905 M22-2012505 M22-2013646 M22-2014646 M2 |
2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39-way 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 25-way 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 36-way 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 46-way 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 16-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 24-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 27-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 28-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 49-way
|
Harwin PLC HARWIN INC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
|