PART |
Description |
Maker |
43650-0825 43650-0226 43650-0424 |
MicroFit 3.0 SR Vert SMT Nail 15Au 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR Vert SMT Nail 30Au 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR Vert SMT Nail Tin 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
43045-1637 43045-2037 |
MicroFit 3.0 V SMT /Nail DR 30Au 16Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 V SMT /Nail DR 30Au 20Ckt 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
44914-0801 44914-0802 44914-0803 44914-0201 44914- |
3.00mm (.118隆卤) Pitch Micro-Fit 3.0, CPI垄芒 Micro-Fit 3.0, BMI垄芒 CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI Micro-Fit 3.0, BMI CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI?/a> Micro-Fit 3.0, BMI?/a> CPI Vertical Headers MicroFit 3.0 Header Vert CPI 12 ckt 569 12 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Header Vert CPI 8ckt 121 8 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT 452802201 22 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT
|
Molex Electronics Ltd. Molex, Inc.
|
43045-0224 43045-1225 43045-0826 43045-0825 43045- |
Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR MicroFit 3.0 V TH /Clip DR 30Au 8Ckt POWER CONNECTOR Microfit 3.0 Vert PTH /clip DR 15Au 8Ckt POWER CONNECTOR 430450624 POWER CONNECTOR HEADER, MICROFIT 3.0, 8POS POWER CONNECTOR
|
Molex, Inc.
|
76341-450HLF 76341-402HLF 76341-302HLF 76341-350HL |
BtB RECEPT VERT SR SMT
|
FCI connector
|
75915-802GLF 75915-802HLF 75915-850HLF 75915-302GL |
BtB RECEPT VERT SR SMT
|
FCI connector
|
ML105D-15RW ML105D-12RW ML148S-15RW ML124D-15RW ML |
Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
|
MicroPower Direct, LLC
|
M50-315XX42 |
1.27mm pitch dil smt vert, low-profile socket assy
|
Harwin Plc
|
52610-1090 52610-2690 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits STECKVERBINDER 1.0MM SMT VERT 10POL
|
N/A
|
87437-1273 87437-0243 87437-0873 87437-0743 87437- |
1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG connector 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG CONN HEADER 7POS 1.5MM VERT SMD 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Blk /Cap T&R 2.56SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 14Ckt 1.50MM PITCH, W-T-B HEADER, VERTICAL, SMT
|
Molex, Inc. MOLEX INC Molex Electronics Ltd.
|
|