PART |
Description |
Maker |
IHSM-7832 IHSM-7832-RG3R9L IHSM-7832RG3R9L IHSM-78 |
High Current, Flame Retardant Encapsulated Inductor High Current Surface Mount Inductor High Current, Surface Mount Inductor 高电流,表面贴装电感 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. VISHAY DALE
|
Z86L8108PSC Z86L8908PSC Z86L8708FSC |
CONN JACKSOCKET M2.5/M2 13.5MM SCREW MOUNT KIT .62 X .35 Jack Screw; Screw Length:18mm; Leaded Process Compatible:No; Material:Stainless Steel; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44
|
ZiLOG, Inc.
|
CD138PC |
EC Screw 85°C Long Lifetime 10.000h High Reliability at High Voltage Highest Currents(Screw)
|
Jianghai Europe GmbH
|
101PHR-ST 102PHR-ST |
Aluminum Capacitors Power High Ripple Current Screw Terminals
|
Vishay Siliconix
|
NFA31CC221S1E4D NFA31CC101S1E4B NFA31CC222R1E4B NF |
NFA3216D02C221 220 PF 20%(1206)CAP FILT 4 FUNCTIONS, 25 V, 0.2 A, FEED THROUGH CAPACITOR
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
IHSM-4825RE3R9L IHSM-4825 |
High Current, Flame Retardant Encapsulated Inductor HIGH CURRENT, SURFACE MOUNT INDUCTOR High Current/ Surface Mount Inductor
|
Vishay Siliconix
|
IMCH-1812 |
Surface Mount, High Current Molded Inductors Surface Mount, Molded Inductors SMD High-current molded Inductor;
up to IDC = 1 Amp; up to 330 µH;
|
Vishay Intertechnology,Inc.
|
104-PHL-ST |
Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
|
Vishay Siliconix
|
IHSM-3825 |
High Current, Flame Retardant Encapsulated Inductor High Current, Surface Mount Inductor
|
Vishay Siliconix
|
B340A B330LA |
High-Current Density Surface Mount Schottky Rectifier, Forward Current 3.0A, Reverse Voltage 30 and 40V
|
VISAY[Vishay Siliconix]
|
IDCP-1813 IDCP-1813NB100M |
High Current, Drum Core Inductor High Current, Surface Mount Inductor
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
F0603FF0500V032T F0402FA0750V024T F0402FA1500V024T |
1206 High Current Rating Fast Acting Surface Mount Fuses 0603 Fast Acting Surface Mount Fuses HA Series of Surface Mount Multilayer Varistors 1206 Fast Acting Surface Mount Fuses 0603 Very Fast Acting Surface Mount Fuses 0402 Fast Acting Surface Mount Fuses 1206 High Inrush Current Surface Mount Fuses 1206 Slow Blow Surface Mount Fuses
|
AEM
|