Part Number Hot Search : 
08HT58CP SI7148DP T52C4V T52C4V SI7148DP K100310 0469PWR PST9136
Product Description
Full Text Search
  socket. Datasheet PDF File

For socket. Found Datasheets File :: 15481    Search Time::2.64ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    A2-7PA-2.54DS A2-7PA-2.54DSA A1-60PA-2. A2-2PA-2.54DS A2-2PA-2.54DSA A1-10PA-2.54DS A1-10PA-2.54DSA A2-20PA-2.54DSA A2-2

HIROSE ELECTRIC Co., Ltd.
Hirose Electric USA, INC.
HIROSE[Hirose Electric]
Part No. A2-7PA-2.54DS A2-7PA-2.54DSA A1-60PA-2. A2-2PA-2.54DS A2-2PA-2.54DSA A1-10PA-2.54DS A1-10PA-2.54DSA A2-20PA-2.54DSA A2-20PA-2.54DS A2-3PA-2.54DS A1-26PA-2.54DS A1-26PA-2.54DSA A2-9PA-2.54DSA A1-06PA-2.54DS A1-12PA-2.54DS A1-12PA-2.54DSA A1-14PA-2.54DS A1-14PA-2.54DSA A1-16PA-2.54DS A1-16PA-2.54DSA A1-20PA-2.54DS A1-20PA-2.54DSA A1-24PA-2.54DS A1-24PA-2.54DSA A1-34PA-2.54DS A1-34PA-2.54DSA A1-40PA-2.54DS A1-40PA-2.54DSA A1-50PA-2.54DS A1-50PA-2.54DSA A1-60PA-2.54DS A1-60PA-2.54DSA A1-64PA-2.54DS A1-64PA-2.54DSA A1-6PA-2.54DS A1-6PA-2.54DSA A1-8PA-2.54DSA A2-10PA-2.54DS A2-10PA-2.54DSA A2-11PA-2.54DS A2-11PA-2.54DSA A2-12PA-2.54DS A2-12PA-2.54DSA A2-13PA-2.54DS A2-13PA-2.54DSA A2-14PA-2.54DS A2-14PA-2.54DSA A2-15PA-2.54DS A2-15PA-2.54DSA A2-16PA-2.54DS A2-16PA-2.54DSA A2-17PA-2.54DS A2-17PA-2.54DSA A2-18PA-2.54DS A2-18PA-2.54DSA A2-19PA-2.54DS A2-19PA-2.54DSA A2-1PA-2.54DS A2-1PA-2.54DSA A2-3PA-2.54DSA A2-4PA-2.54DS A2-4PA-2.54DSA A2-5PA-2.54DS A2-5PA-2.54DSA A2-6PA-2.54DS A2-6PA-2.54DSA A2-8PA-2.54DS A2-8PA-2.54DSA A2-9PA-2.54DS A1-8PA-2.54DS A1
OCR Text ...erial Part Pin header Crimping socket Crimping contact Insulator Contact Material PBT Brass Polyamid Phosphor bronze Finish Black Selective gold plated Black Selective gold plated Remarks UL94V-0 ------- UL94V-0 ------- C2 s Ordering...
Description    2.54mm Pitch High Density Connector
1 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
2.54mm Pitch High Density Connector 2.54mm间距高密度连接器
KPT 12C 8#20 4#16 PIN RECP
GIGABASE CAT 5E UNIVERSALJACK, TEL IVORY
ZX Series, Subminiature Basic Switch, SPDT, 125 Vac, 3 A, Straight Lever Actuator, Solder Termination
FEMALE; MALE, RIGHT ANGLE; STRAIGHT TWO PART BOARD CONNECTOR, CRIMP; SOLDER, SOCKET

File Size 270.08K  /  8 Page

View it Online

Download Datasheet





    Axiomtek Co., Ltd.
Part No. MANO881
OCR Text socket 4th generation intel ? core? i7/ i5/ i3/ celeron ? mini-itx sbc with intel ? h81 pch, hdmi/vga/lvds, dual lan and usb 3.0 i/o packing list system standard i/o bracket features display chipset intel ? hd 5000 series graphics m...
Description MANO881

File Size 266.63K  /  1 Page

View it Online

Download Datasheet

    FREESCALE SEMICONDUCTOR INC
Part No. XPC850CZT66BU XPC850CZT80B
OCR Text ...ghest-priority request  single socket pcmcia-ata interface ? master (socket) interface, release 2.1 compliant ? single pcmcia socket ? supports eight memory or i/o windows  communications processor module (cpm) ? 32-bit, harvard architect...
Description 32-BIT, 66 MHz, RISC PROCESSOR, PBGA256
32-BIT, 80 MHz, RISC PROCESSOR, PBGA256

File Size 1,162.26K  /  72 Page

View it Online

Download Datasheet

    IDT
Part No. IDT79RC64474 IDT79RC64475
OCR Text ...score4000/riscore5000 family of socket compatible processors riscore4000/riscore5000 family of socket compatible processors riscore4000/riscore5000 family of socket compatible processors riscore4000/riscore5000 family of socket compatible p...
Description (IDT79RC64V474 / IDT79RC64V475) 64-Bit Microprocessor

File Size 418.88K  /  25 Page

View it Online

Download Datasheet

    STEVAL-MKI087V1

STMicroelectronics
Part No. STEVAL-MKI087V1
OCR Text ...pter board fo r standard dil 24 socket features complete lis331dl pinout for a standard dil 24 socket fully compatible with all other available adapter boards rohs compliant description the steval-mki087v1 is an adapter board designed...
Description LIS331DL adapter board for standard DIL 24 socket

File Size 65.23K  /  4 Page

View it Online

Download Datasheet

    CINCH CONNECTORS
Part No. 57-LRS14-B30
OCR Text ...ability. available in plug and socket styles in 14, 24, 36, and 50 position sizes. sockets available with industry-standard bail latch feature for positive locking/unlocking without tools, for applications such as scsi-1 and centronics. ...
Description 14 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, SOCKET

File Size 61.85K  /  2 Page

View it Online

Download Datasheet

    HOSIDEN CORP
Part No. TCS5360-01-4051
OCR Text socket 3.2 hole 2 tcs5093 series 19.5 10 3.5 13.9 26 22.2 19.5 11.8 7 28 3.2 hole 19 18 front of socket see table 10 fig.1 ee 2.5 front of socket fig.2 5 ee 5 front of socket ground terminal position type 10 fig.1 ee 2.5 front of sock...
Description 6 CONTACT(S), BOARD MOUNT, DIN CONNECTOR, SOCKET

File Size 54.38K  /  1 Page

View it Online

Download Datasheet

    HOSIDEN CORP
Part No. TCS5350-0140577
OCR Text socket 3.2 hole 2 tcs5093 series 19.5 10 3.5 13.9 26 22.2 19.5 11.8 7 28 3.2 hole 19 18 front of socket see table 10 fig.1 ee 2.5 front of socket fig.2 5 ee 5 front of socket ground terminal position type 10 fig.1 ee 2.5 fro...
Description 5 CONTACT(S), BOARD MOUNT, DIN CONNECTOR, SOCKET

File Size 138.06K  /  1 Page

View it Online

Download Datasheet

    WINCHESTER ELECTRONICS CORP
Part No. MNAC34SJTDHV MNAC34PJTDHVL MNAC34SJHV MNAC34SJH1V
OCR Text ...atures closed entry remov able socket and pin contacts. connector inserts with 9 to 104 contacts. quick crimp ... snap in place! to remove ... insert removal tool ? ?push out? contact! current rating: up to 13 amps no. of contacts: 9, 1...
Description 34 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP/SOLDER
34 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP/SOLDER

File Size 270.55K  /  9 Page

View it Online

Download Datasheet

    HEIDENHAIN
Part No. ERN1321
OCR Text ...out 17-pin coupling or fange socket m23 12-pin pcb connector voltage supply incremental signals 1) absolute position values 7 1 10 4 11 15 16 12 13 14 17 8 9 1b 6a 4b 3a / 2a 5b 4a 3b 6b 1a 2b 5a u p sensor u p 0 v sensor 0 v ...
Description Rotary Encoders

File Size 790.29K  /  6 Page

View it Online

Download Datasheet

For socket. Found Datasheets File :: 15481    Search Time::2.64ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of socket.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50655794143677