PART |
Description |
Maker |
M80-8430842 M80-8780605 M80-8681205 M80-8680405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Horizontal 4.5mm PC Tail Connector, latched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, latched, selective gold tin/lead, 7 7-way
|
Harwin Plc HARWIN INC
|
M80-5835005 |
DATAMATE J-TEK DIL MALE DIL SMALL BORE CRIMP
|
Harwin Plc
|
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M80-5504822 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 24 24-way 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5203422 M80-5205022 M80-5203222 M80-5204222 |
Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 17 17-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 25 25-way 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 21 21-way
|
Harwin PLC HARWIN INC
|
M80-8161005 M80-8161205 |
Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG Datamate L-Tek DIL Male Small Bore Crimp Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG
|
Harwin PLC
|
M80-5304242 M80-5302022 M80-5303442 M80-5301422 M8 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews, 21 21-way 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC Molex, Inc. HARWIN INC
|
M80-5621246 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with reverse fix slotted jackscrews, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5123842 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 19 19-way 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
SMZ82 SMZ100 SMZ12 SMZ15 SMZ200 SMZ24 SMZ3.3 SMZ33 |
ZENERarray Series 33 V, 0.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 5 5-way Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|