PART |
Description |
Maker |
CAT93C56JA CAT93C56JE CAT93C56JI CAT93C56KA CAT93C |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 2K-Bit Microwire Serial EEPROM
|
Samsung Semiconductor Co., Ltd. Macronix International Co., Ltd. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Rohm Co., Ltd. Vicor, Corp. CATALYST[Catalyst Semiconductor] http://
|
24C08B 24C08B-EP 24C08B-ESL 24C08B-ESN 24C16B 24C1 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS DIODE ZENER 5.1V 120MW SSSMINI2 8K/16K5.0VI2COSerialEEPROMs 8K/16K 5.0V I 2 C O Serial EEPROMs
|
http:// Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|
28C64AT/P 28C64ATI/L 28C64AFTI/SO 28C64AFI/SO 28C6 |
64K (8K x 8) CMOS EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Microchip Technology Inc. Microchip Technology, Inc.
|
CAT34FC02GYITE13REVE CAT34FC02UITE13REVE CAT34FC02 |
2-kb I2C Serial EEPROM, Serial Presence Detect The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
CATALYST[Catalyst Semiconductor]
|
24AA128-I/MC 24AA128-E/P 24AA128-E/SM 24AA128-E/ST |
128K I2C CMOS Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Microchip Technology Inc. Microchip Technology, Inc.
|
X84256 X84256S16 X84256S16-1.8 X84256S16-2.5 X8425 |
UPort Saver EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
http:// XICOR[Xicor Inc.]
|
AM24LC21BISA AM24LC21B AM24LC21BIN AM24LC21BINA AM |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS Dual Mode/ 1K-bits (128 x 8) 2-Wire Serial EEPROM Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
|
Anachip Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
28C16AT/L 28C16ATI/P 28C16AFI/L 28C16AFT/L 28C16AF |
16K (2K x 8) CMOS EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Microchip Technology Inc.
|
24LC22A 24LC22A-I/P 24LC22A-I/SN 24LC22AT-I/SN |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 2K VESA E - EDID SERIAL EEPROM The Microchip Technology Inc. 24LC22A is a 256 x 8-bit dual-mode Electrically Erasable PROM. This device is designed for use in applications requiring storage and serial transmission of configuration and control information. Two modes of o The Microchip Technology Inc. 24LC22A is a 256 x 8-bit dual-mode Electrically Erasable PROM. This device is designed for use in applications ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
24AA128 24LC128ESM 24AA128IST 24AA128ISN 24LC128IS |
128K I2C CMOS EEPROM Pomona Stack Up Banana Plug With Safety Collar, Color: Black, Current Rating: 15 A, Power: 5000 W, Features: Safety collar that insulates exposed wire leads, solderless banana plugs firmly holds wire with internal setscrew 128K的的I 2 C⑩的CMOS串行EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 128KI2CCMOSSerialEEPROM 128K I 2 C ?CMOS Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology
|
CAT25040S CAT25040SA CAT25040SE CAT25040SI CAT2502 |
SPI Serial CMOS EEPROM (Motorola Compatible), 1K, 2-bit Block Protection SPI Serial CMOS EEPROM (Motorola Compatible), 2K, 2-bit Block Protection 1K/2K/4K SPI Serial CMOS EEPROM Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SO PowerPAD -40 to 85 Replaced by DRV101,DRV102,DRV104 : PWM Low Side Driver (1.5A/3A) for Solenoids, Coils, Valves, Heaters, and Lamps 8-SOIC Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-TSSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-TSSOP -40 to 125 Replaced by SN74LVC162244A : 16-Bit Buffer/Driver With 3-State Outputs 48-SSOP -40 to 85 Automotive Catalog Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-SOIC -40 to 125 16-Bit Buffer/Driver With 3-State Outputs 48-TVSOP -40 to 85 19-Bit Bus Interface With 3-State Outputs 48-SSOP 0 to 70 19-Bit Bus Interface With 3-State Outputs 48-TSSOP 0 to 70 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 192 kHz Digital Audio Transmitter 28-TSSOP -40 to 85 1K/2K/4K SPI串行EEPROM中的CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 256 X 8 SPI BUS SERIAL EEPROM, PDIP8
|
CATALYST[Catalyst Semiconductor] Rectron Semiconductor Bourns, Inc.
|
AT45D081A-RI AT45D081A-JCNBSP AT45D081A-RINBSP AT4 |
8-megabit 5-volt Only Serial DataFlash From old datasheet system SPI Serial EEPROM SERIAL EEPROM,FLASH,4KX264X8,CMOS,SOP,28PIN,PLASTIC
|
ATMEL[ATMEL Corporation]
|