PART |
Description |
Maker |
SG120 SG120A-8T_883B SG120-12IG SG120-12IG_883B SG |
Negative Fixed Linear Voltage Regulators BOX 4.94X2.75X1.275 AA W/CLP ALMOND NEGATIVE FIXED VOLTAGE REGULATOR 8 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 20 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MSFM3 HIGH SURGE CARBON COMP REPLACEMENT RESISTOR , 1K, 5% 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBCY3
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
45660-0001 0456600001 |
7.50mm (.295) Power Dock Plug 250V, Gold Zone Both Sides of Blade, 1 Circuit, 0.75μm (30μ) Select Gold (Au)
|
Molex Electronics Ltd.
|
A-HDS44-HOOD-WP-R |
D-SUB CONN. ASSY SCREW HD44P M CONN M PIN
|
Assmann Electronics Inc.
|
15-82-1538 |
CONN SOCKET SIMM 72POS R/A TIN 72 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SOLDER, SOCKET
|
Molex, Inc.
|
FDC40-24S12 FDC40-12S05 FDC40-24D12 FDC40-12D15 FD |
CONN,HEADER,GPFA202-0255A07, 2mm,4 CKT,2 ROW,VERTICAL,15u"A CONN,HEADER,GPFA202-0355A07, 2mm,6 CKT,2 ROW,VERTICAL,15u"A PLCC,SMT SOCKET,68-PIN 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0655A07, 2mm,12 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 Isolated and Regulated 40 WATT Modular DC/DC Converters 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0855A07, 2mm,16 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,IDC,PLUG,50 CONTACTS, 1A,SHROUDED W/O EARS 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-2555A07, 2mm,50 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 SOCKET,PLCC,44PIN,SMD 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0755A07, 2mm,14 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0555A07, 2mm,10 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块DC / DC转换 CONN,HEADER,GPFA202-2055A07, 2mm,40 CKT,2 ROW,VERTICAL,15u" 隔离及规40瓦的模块式DC / DC转换
|
Astrodyne, Inc.
|
IMS05SH472J IMS05ST101K IMS05WDST101K40 IMS05RU680 |
General Fixed Inductor, IND,FERRITE,4.7MH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,68UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,6.8MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,56UH,5% TOL,5% -TOL General Fixed Inductor, 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED, ROHS COMPLIANT General Fixed Inductor, IND,FERRITE,150UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,120UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,5% TOL,5% -TOL General Fixed Inductor, IND,FERRITE,82UH,10% TOL,10% -TOL General Fixed Inductor, IND,FERRITE,560UH,5% TOL,5% -TOL
|
Vishay Dale
|
EH05601-PQ EH05617-PQ EH05607-PQ EH03047-PQ EH0564 |
112 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 60 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 164 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE 116 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 300 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE 194 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 140 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 72 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 22 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 164 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 182 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 30 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE 68 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER, RECEPTACLE 80 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, RECEPTACLE
|
Foxconn Technology Co., Ltd. HON HAI PRECISION INDUSTRY CO LTD
|
89177-6030 89177-6011 |
Edge Connector,PCB Mnt,RECEPT,120 Contacts,0.05 Pitch,PC TAIL Terminal 120 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER ASSY 1.27 EDGE CONN CARD 120 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER
|
Molex, Inc.
|
PS2832 PS2832-1 PS2832-1-F3 PS2832-1-F4 PS2832-1-V |
CONN CABLE ADPT PG 21/NPT 3/4,1 高隔离电压高集电极到发射极电压专科多光耦合 HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER 高隔离电压高集电极到发射极电压专科多光耦合 CONN CABLE ADPT PG 13.5/NPT 1/2,1 CONN CABLE ADPT PG 16/NPT 1/2,1 Power Resistor; Series:MK; Resistance:1kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MEC1-105-02-S-D MEC1-120-02-S-D-A |
1MM MINI-EDGE CARD ASSEMBLY 10 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET CONN EDGE CARD DL 1MM 40POS SMD
|
Samtec, Inc. SAMTEC INC
|
LHS104015114 LHS108112014 HS320016214 HS320026214 |
104 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, PLUG 108 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 320 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, PLUG 320 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 320 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 320 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 302 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE
|
HYPERTAC LTD
|
|