PART |
Description |
Maker |
M80-5D11005B1 |
DATAMATE J-TEK DIL MALE CRIMP ASSY
|
Harwin Plc
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
M80-8510822 M80-8510842 M80-8510845 M80-8511222 M8 |
DATAMATE DIL HORIZONTAL 90 TAIL PLUG ASSEMBLY LATCHED Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, latched, gold, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG DATAMATE DIL HORIZONTAL 90 TAIL PLUG ASSEMBLY LATCHED
|
Harwin Plc
|
M80-5100422 M80-5105042 M80-5105005 M80-5100405 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY (BOARD MOUNT) Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
M80-8561705 B5743-204-M-T-B |
34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, unlatched, gold, 2 2-way
|
HARWIN INC
|
M80-8151205 |
Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8684405 M80-8681205 |
Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5212042 |
Datamate J-Tek DIL Male Vertical 4.5mm PC Tail Connector, selective gold tin, no jackscrews, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-9424205 |
Datamate J-Tek DIL Male Small Bore Crimp Connector, gold, with hoods jackscrews, 21 21-way 42 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
SR760 SR750 SR735 SR745 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with Hex Socket jackscrews, 5 5-way Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, with Hex Socket jackscrews, 5 5-way, pick & place cap 7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
|
济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device]
|
|