PART |
Description |
Maker |
M80-5D11005B1 |
DATAMATE J-TEK DIL MALE CRIMP ASSY
|
Harwin Plc
|
M80-5100422 M80-5105042 M80-5105005 M80-5100405 M8 |
JACKSCREW DATAMATE DIL VERTICAL PC TAIL MALE ASSEMBLY (BOARD MOUNT) Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc
|
M80-5403442 M80-5415022 HARWININC-M80-5401242 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 4.5mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8151205 |
Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5504822 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 24 24-way 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-6171822 |
Datamate L-Tek DIL Male Vertical 5.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-5L12622M5-00-000-00-000 M80-5L13842M5-00-000-0 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 19 19-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 22 22-way 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews 5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5621246 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with reverse fix slotted jackscrews, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5822646 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with reverse fix Hex socket jackscrews, 13 13-way 26 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5132022 M80-5131222 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-9403442 M80-9402642 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 13 13-way
|
Harwin PLC HARWIN INC
|
SR206 SR202 SR203 SR204 |
Datamate Trio-Tek DIL Female Housing, with Reverse Fix jackscrews, 5 5-way 2 Amp Schottky Barrier Rectifier 20 - 60 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
|