PART |
Description |
Maker |
X9269US24IZ X9269UV24-2.7T1 X9269TV24I-2.7 X9269TS |
Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R Dual Digitally-Controlled Potentiometers Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP
|
http:// Intersil, Corp. INTERSIL CORP
|
X9410 X9410WP24 X9410WP24-2.7 X9410WP24I X9410WP24 |
Dual Digitally Controlled Potentiometer
|
XICOR[Xicor Inc.]
|
X926106 X9261US24Z X9261UV24Z X9261 X9261US24 X926 |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X9269 X9269TB16 X9269TB16-2.7 X9269TB16I X9269TB16 |
Dual Digitally-Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
X9260US24-2.7 X9260_06 X9260 X9260TS24I X9260TS24I |
Dual Digitally-Controlled Potentiometers
|
INTERSIL[Intersil Corporation]
|
X9221A |
Dual Digitally Controlled Potentiometer
|
Intersil Corporation
|
MX029 |
MX029 Dual Digitally Controlled Amplifier
|
CONSUMER MICROCIRCUITS LIMITED
|
X9221A |
Dual Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
ISL22326UFV14Z |
Dual Digitally Controlled Potentiometers DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO14
|
Intersil, Corp.
|
EPA073HL-225 EPA073HL-100 EPA073HL-300 EPA073HL-35 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
Abracon, Corp. TE Connectivity, Ltd.
|