PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
X9421YS16 X9421YS16IZ X9421YV14 X9421YV14I X9421YV |
Single Digitally Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R Single Voltage Potentiometer
|
Intersil Corporation Intersil, Corp.
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
AD8370ARE AD8370-EVAL AD8370 AD8370ARE-REEL7 |
750MHz Digitally Controlled Variable Gain Amplifier LF to 750 MHz Digitally Controlled VGA
|
AD[Analog Devices]
|
ISL90462 ISL90462WIH627Z-TK ISL90462TIE627-TK ISL9 |
Digitally Controlled Potentiometer (XDCP) 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Digitally Controlled Potentiometer (XDCP) 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Single Volatile 32-tap Digitally Controlled Potentiometer (XDCP™)
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|
EPA1220HL-440 EPA1220HL-470 EPA1220HL-40 EPA1220HL |
Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 16-SOIC Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 16-SOIC 延迟 Delay Line 延迟
|
Ironwood Electronics Abracon, Corp.
|
ISL9081006 ISL90810WAU8Z ISL90810WIU8Z ISL90810UAU |
Single Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
X9428 X9428WP X9428WP-2.7 X9428WPI X9428WPI-2.7 X9 |
Single Digitally Controlled Potentiometer
|
XICOR[Xicor Inc.]
|
X9428WS16 X9428YS16 X9428YS16-2.7 X9428YS16I X9428 |
Single Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
X9271 X9271TB X9271TB-2.7 X9271TBI X9271TBI-2.7 X9 |
Single Digitally-Controlled (XDCP) Potentiometer
|
XICOR[Xicor Inc.]
|
X9279 X9279TB X9279TB-2.7 X9279TBI X9279TBI-2.7 X9 |
Single Digitally-Controlled (XDCP) Potentiometer
|
XICOR[Xicor Inc.]
|