PART |
Description |
Maker |
M30-6000346 M30-6001546 M30-6001046 |
1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 3-way 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 15-way 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 1.25mm Pitch SIL Vertical SMT Pin Header, location pegs, tin, 10-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
0554501569 55450-1569 |
1.25mm (.049) Pitch Mi ll System Wire-to-Board Header, SMT, Single Row, Vertical,Without Plastic Peg, Lead-free, 15 Circuits
|
Molex Electronics Ltd.
|
0554501659 55450-1659 |
1.25mm (.049) Pitch Mi ll System Wire-to-Board Header, SMT, Single Row, Vertical, 16 Circuits, with Plastic Peg, Lead-free
|
Molex Electronics Ltd.
|
M30-1300900 M30-1301100 M30-1300400 M30-1301000 M3 |
1.25mm Pitch SIL Female Crimp Housing, 9-way 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 11-way 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 4-way 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 10-way 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 6-way 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 1.25mm Pitch SIL Female Crimp Housing, 5-way 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Harwin PLC
|
M20-9993605 |
2.54mm Pitch SIL Vertical Pin Header
|
Harwin
|
M20-8771546 M20-8771442 M20-8770242 M20-8770246 M2 |
2.54mm Pitch SIL SMT Pin Header, tin, 15-way 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, selective gold tin, 14-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, selective gold tin, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, tin, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.54mm Pitch SIL SMT Pin Header, tin, 31-way 31 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-8972201 M80-8972205 M80-89722T6 M80-8970701 M8 |
DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 4-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin Plc
|
0747124002 |
6.25mm (.246) Pitch Ganged RF Header, Vertical, 8 Circuits
|
Molex Electronics Ltd.
|
0747124003 |
6.25mm (.246) Pitch Ganged RF Header, Vertical, 8 Circuits
|
Molex Electronics Ltd.
|
74712-5005 0747125005 |
6.25mm (.246) Pitch Ganged RF Header, Vertical, 6 Circuits
|
Molex Electronics Ltd.
|
0747121003 74712-1003 |
6.25mm (.246) Pitch Ganged RF Header, Vertical, 2 Circuits
|
Molex Electronics Ltd.
|
|